Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP41HV31 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP41HV31
Description  7/8-Bit Single, 36V (짹18V) Digital POT with SPI Serial Interface and Volatile Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP41HV31 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP41HV31 Datasheet HTML 17Page - Microchip Technology MCP41HV31 Datasheet HTML 18Page - Microchip Technology MCP41HV31 Datasheet HTML 19Page - Microchip Technology MCP41HV31 Datasheet HTML 20Page - Microchip Technology MCP41HV31 Datasheet HTML 21Page - Microchip Technology MCP41HV31 Datasheet HTML 22Page - Microchip Technology MCP41HV31 Datasheet HTML 23Page - Microchip Technology MCP41HV31 Datasheet HTML 24Page - Microchip Technology MCP41HV31 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
 2013 Microchip Technology Inc.
DS20005207A-page 21
MCP41HVX1
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
Additional descriptions of the device pins follows.
TABLE 3-1:
PINOUT DESCRIPTION FOR THE MCP41HVX1
Pin
Function
TSSOP
QFN
Symbol
Type
Buffer
Type
14L
20L
11
VL
P
—
Positive Digital Power Supply Input
2
2
SCK
I
ST
SPI Serial Clock pin
33
CS
I
ST
Chip Select
4
4
SDI
I
ST
SPI Serial Data In pin
5
5
SDO
O
—
SPI Serial Data Out
66
WLAT
I
ST
Wiper Latch Enable
0
= Received SPI Shift Register Buffer (SPIBUF) value is
transferred to Wiper register.
1
= Received SPI data value is held in SPI Shift Register
Buffer (SPIBUF).
77
SHDN
IST
Shutdown
8
11
DGND
P
—
Ground
9
8, 9, 10, 17,
18, 19, 20
NC
—
—
Pin not internally connected to die. To reduce noise
coupling, connect pin either to DGND or VL.
10
12
V-
P
—
Analog Negative Potential Supply
11
13
P0B
I/O
A
Potentiometer 0 Terminal B
12
14
P0W
I/O
A
Potentiometer 0 Wiper
Terminal
13
15
P0A
I/O
A
Potentiometer 0 Terminal A
14
16
V+
P
—
Analog Positive Potential Supply
—
21
EP
P
—
Exposed Pad, connect to V- signal or Not Connected
(floating). (Note 1)
Legend:
A = Analog
ST = Schmitt Trigger
I = Input
O = Output
I/O = Input/Output
P = Power
Note 1:
The QFN package has a contact on the bottom of the package. This contact is conductively connected to
the die substrate, and therefore should be unconnected or connected to the same ground as the device’s
V- pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com