| Electronic Components Datasheet Search |
|
MCP41HV31 Datasheet(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP41HV31 Datasheet(HTML) 2 Page - Microchip Technology |
|
2 / 90 page ![]() MCP41HVX1 DS20005207A-page 2 2013 Microchip Technology Inc. Device Block Diagram Device Features Device Wiper Configuration Resistance (Typical) Number of: Specified Operating Range RABOptions (k ) Wiper - RW () VL ( 2) V+ ( 3) MCP41HV31 1 Potentiometer ( 1) SPI 3Fh 5.0, 10.0, 50.0, 100.0 75 127 128 1.8V to 5.5V 10V ( 4) to 36V MCP41HV51 1 Potentiometer ( 1) SPI 7Fh 5.0, 10.0, 50.0, 100.0 75 255 256 1.8V to 5.5V 10V ( 4) to 36V Note 1: Floating either terminal (A or B) allows the device to be used as a Rheostat (variable resistor). 2: This is relative to the DGND signal. There is a separate requirement for the V+ / V- voltages. When VL = 1.8V operation, DGND must be 0.9V above V-. 3: Relative to V-, the VL and DGND signals must be between V- and V+. 4: Analog operation will continue while the V+ voltage is above the device’s Analog Power-on Reset (POR) / Brown-out Reset (BOR) voltage. Operational characteristics may exceed specified limits while the V+ volt- age is below the specified minimum voltage. Power-up/ Brown-out Control VL DGND SPI Serial Interface Module and Control Logic Resistor Network 0 (Pot 0) Wiper 0 and TCON Register CS SCK SDI SDO SHDN Memory (2x8) Wiper0 (V) TCON P0A P0W P0B V+ V– WLAT Power-up/ Brown-out Control (Analog) (Digital) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |