Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP41HV31 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP41HV31
Description  7/8-Bit Single, 36V (짹18V) Digital POT with SPI Serial Interface and Volatile Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP41HV31 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP41HV31 Datasheet HTML 35Page - Microchip Technology MCP41HV31 Datasheet HTML 36Page - Microchip Technology MCP41HV31 Datasheet HTML 37Page - Microchip Technology MCP41HV31 Datasheet HTML 38Page - Microchip Technology MCP41HV31 Datasheet HTML 39Page - Microchip Technology MCP41HV31 Datasheet HTML 40Page - Microchip Technology MCP41HV31 Datasheet HTML 41Page - Microchip Technology MCP41HV31 Datasheet HTML 42Page - Microchip Technology MCP41HV31 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
 2013 Microchip Technology Inc.
DS20005207A-page 39
MCP41HVX1
Table 5-4 shows the maximum VBW voltage that can be
applied across the Terminal B to Terminal W pins for a
given wiper code value (for the 5 k
 and 10 k
devices). These calculations assume the ideal model
(RW =RFS =RZS =0) and show the calculations
based on RS(MIN) and RS(MAX). Table 5-5 shows the
same calculations for the 50 k
 devices, and Table 5-6
shows the calculations for the 100 k
 devices. These
tables are supplied as a quick reference.
TABLE 5-4:
MAX VBW AT EACH WIPER CODE (RW = RFS = RZS = 0) FOR V+ - V- = 36V,
5K
 AND 10K DEVICES.
Code
VBW(MAX)
Code
VBW(MAX)
Code
VBW(MAX)
Hex
Dec
RS(MIN)
RS(MAX)
Hex
Dec
RS(MIN)
RS(MAX)
Hex
Dec
RS(MIN)
RS(MAX)
00h
0
0.000
0.000
20h
32
12.549
18.824
40h
64
25.098
01h
1
0.392
0.588
21h
33
12.941
19.412
41h
65
25.490
02h
2
0.784
1.176
22h
34
13.333
20.000
42h
66
25.882
03h
3
1.176
1.765
23h
35
13.725
20.588
43h
67
25.275
04h
4
1.569
2.353
24h
36
14.118
21.176
44h
68
26.667
05h
5
1.961
2.941
25h
37
14.510
21.765
45h
69
27.059
06h
6
2.353
3.529
26h
38
14.902
22.353
46h
70
27.451
07h
7
2.745
4.118
27h
39
15.294
22.941
47h
71
27.843
08h
8
3.137
4.706
28h
40
15.686
23.529
48h
72
28.235
09h
9
3.529
5.294
29h
41
16.078
24.118
49h
73
28.627
0Ah
10
3.922
5.882
2Ah
42
16.471
24.706
4Ah
74
29.020
0Bh
11
4.314
6.471
2Bh
43
16.863
25.294
4Bh
75
29.412
0Ch
12
4.706
7.059
2Ch
44
17.255
25.882
4Ch
76
29.804
0Dh
13
5.098
7.647
2Dh
45
17.647
26.471
4Dh
77
30.196
0Eh
14
5.490
8.235
2Eh
46
18.039
27.059
4Eh
78
30.588
0Fh
15
5.882
8.824
2Fh
47
18.431
27.647
4Fh
79
30.980
10h
16
5.275
9.412
30h
48
18.824
28.235
50h
80
31.373
11h
17
6.667
10.000
31h
49
19.216
28.824
51h
81
31.765
12h
18
7.059
10.588
32h
50
19.608
29.412
52h
82
32.157
13h
19
7.451
11.176
33h
51
20.000
30.000
53h
83
32.549
14h
20
7.843
11.765
34h
52
20.392
30.588
54h
84
32.941
15h
21
8.235
12.353
35h
53
20.784
31.176
55h
85
33.333
16h
22
8.627
12.941
36h
54
21.176
31.765
56h
86
33.725
17h
23
9.020
13.529
37h
55
21.569
32.353
57h
87
34.118
18h
24
9.412
14.118
38h
56
21.961
32.941
58h
88
34.510
19h
25
9.804
14.706
39h
57
22.353
33.529
59h
89
34.902
1Ah
26
10.196
15.294
3Ah
58
22.745
34.118
5Ah
90
35.294
1Bh
27
10.588
15.882
3Bh
59
23.137
34.706
5Bh
91
35.686
1Ch
28
10.980
16.471
3Ch
60
23.529
35.294
5Ch
92 - 255 36.0 ( 1, 2)
1Dh
29
11.373
17.059
3Dh
61
23.922
35.882
1Eh
30
11.765
17.647
3Eh
62
24.314
36.0 ( 1, 2)
1Fh
31
12.157
18.235
3Fh
63
24.706
Note 1:
Calculated RBW voltage is greater than 36V (highlighted in color), must be limited to 36V (V+ - V-).
2:
This wiper code and greater will limit the IBW current to less than the maximum supported terminal current
(IT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com