Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC712 Datasheet(PDF) 25 Page - Microchip Technology

Part # PIC16LC712
Description  8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC712 Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC16LC712 Datasheet HTML 21Page - Microchip Technology PIC16LC712 Datasheet HTML 22Page - Microchip Technology PIC16LC712 Datasheet HTML 23Page - Microchip Technology PIC16LC712 Datasheet HTML 24Page - Microchip Technology PIC16LC712 Datasheet HTML 25Page - Microchip Technology PIC16LC712 Datasheet HTML 26Page - Microchip Technology PIC16LC712 Datasheet HTML 27Page - Microchip Technology PIC16LC712 Datasheet HTML 28Page - Microchip Technology PIC16LC712 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 106 page
background image
 1999-2013 Microchip Technology Inc.
DS41106C-page 25
PIC16C712/716
PORTB pins RB3:RB1 are multiplexed with several
peripheral functions (Table 3-3). PORTB pins RB3:RB0
have Schmitt Trigger input buffers.
When enabling peripheral functions, care should be
taken in defining TRIS bits for each PORTB pin. Some
peripherals override the TRIS bit to make a pin an out-
put, while other peripherals override the TRIS bit to
make a pin an input. Since the TRIS bit override is in
effect while the peripheral is enabled, read-modify-
write instructions (BSF, BCF, XORWF) with TRISB as
destination should be avoided. The user should refer to
the corresponding peripheral section for the correct
TRIS bit settings.
Four of PORTB’s pins, RB7:RB4, have an interrupt-on-
change feature. Only pins configured as inputs can
cause this interrupt to occur (i.e., any RB7:RB4 pin
configured as an output is excluded from the interrupt-
on-change comparison). The input pins, RB7:RB4, are
compared with the old value latched on the last read of
PORTB. The “mismatch” outputs of RB7:RB4 are
OR’ed together to generate the RB Port Change
Interrupt with flag bit RBIF (INTCON<0>).
This interrupt can wake the device from Sleep. The
user, in the Interrupt Service Routine, can clear the
interrupt in the following manner:
a)
Any read or write of PORTB will end the
mismatch condition.
b)
Clear flag bit RBIF.
A mismatch condition will continue to set flag bit RBIF.
Reading PORTB will end the mismatch condition and
allow flag bit RBIF to be cleared.
The interrupt-on-change feature is recommended for
wake-up on key depression operation and operations
where PORTB is only used for the interrupt-on-change
feature. Polling of PORTB is not recommended while
using the interrupt-on-change feature.
FIGURE 3-4:
BLOCK DIAGRAM OF RB1/T1OSO/T1CKI PIN
0
1
Q
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
0
1
0
1
TTL Buffer
TRISB<1>
PORTB<1>
TRISCCP<0>
DATACCP<0>
RB1/T1OSO/T1CKI
RD
Data Bus
WR
WR
WR
WR TRISB
T1OSCEN
RD PORTB
TMR1CS
DATACCP
DATACCP
TRISCCP
PORTB
T1CLKIN
ST
Buffer
P
VDD
Weak
Pull-up
RBPU(1)
T1OSCEN
T1CS
VSS
VDD
Note 1: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit (OPTION_REG<7>).
0
1
TMR1CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com