Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC712 Datasheet(PDF) 50 Page - Microchip Technology

Part # PIC16LC712
Description  8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC712 Datasheet(HTML) 50 Page - Microchip Technology

Back Button PIC16LC712 Datasheet HTML 46Page - Microchip Technology PIC16LC712 Datasheet HTML 47Page - Microchip Technology PIC16LC712 Datasheet HTML 48Page - Microchip Technology PIC16LC712 Datasheet HTML 49Page - Microchip Technology PIC16LC712 Datasheet HTML 50Page - Microchip Technology PIC16LC712 Datasheet HTML 51Page - Microchip Technology PIC16LC712 Datasheet HTML 52Page - Microchip Technology PIC16LC712 Datasheet HTML 53Page - Microchip Technology PIC16LC712 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 106 page
background image
PIC16C712/716
DS41106C-page 50
 1999-2013 Microchip Technology Inc.
8.4
A/D Conversions
8.5
Use of the CCP Trigger
An A/D conversion can be started by the “Special Event
Trigger” of the CCP1 module. This requires that the
CCP1M3:CCP1M0
bits
(CCP1CON<3:0>)
be
programmed as 1011 and that the A/D module is
enabled (ADON bit is set). When the trigger occurs, the
GO/DONE bit will be set, starting the A/D conversion,
and the Timer1 counter will be reset to zero. Timer1 is
reset to automatically repeat the A/D acquisition period
with minimal software overhead (moving the ADRES to
the desired location). The appropriate analog input
channel must be selected and the minimum acquisition
done before the “Special Event Trigger” sets the GO/
DONE bit (starts a conversion).
If the A/D module is not enabled (ADON is cleared),
then the “Special Event Trigger” will be ignored by the
A/D module, but will still reset the Timer1 counter.
TABLE 8-2:
SUMMARY OF A/D REGISTERS
Note:
The GO/DONE bit should NOT be set in
the same instruction that turns on the A/D.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOR
Value on all
other Resets
05h
PORTA
—
—
—(1)
RA4
RA3
RA2
RA1
RA0
--xx xxxx
--xu uuuu
0Bh,8Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
0Ch
PIR1
—
ADIF
—
—
—
CCP1IF
TMR2IF
TMR1IF -0-- -000
-0-- -000
1Eh
ADRES
A/D Result Register
xxxx xxxx
uuuu uuuu
1Fh
ADCON0
ADCS1
ADCS0
CHS2
CHS1
CHS0
GO/DONE
—ADON
0000 00-0
0000 00-0
85h
TRISA
—
—
—(1)
PORTA Data Direction Register
---1 1111
---1 1111
8Ch
PIE1
—
ADIE
—
—
—
CCP1IE
TMR2IE
TMR1IE -0-- -000
-0-- 0000
9Fh
ADCON1
—
—
—
—
—
PCFG2
PCFG1
PCFG0
---- -000
---- -000
Legend: x = unknown, u = unchanged, — = unimplemented read as ‘0’. Shaded cells are not used for A/D conversion.
Note 1:
Reserved bits; Do Not Use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com