Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCMXO2-1200ZE-2TG144C Datasheet(PDF) 50 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-2TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-2TG144C Datasheet(HTML) 50 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-2TG144C Datasheet HTML 46Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 47Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 48Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 49Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 50Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 51Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 52Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 53Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 54Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 106 page
background image
3-11
DC and Switching Characteristics
MachXO2 Family Data Sheet
BLVDS
The MachXO2 family supports the BLVDS standard through emulation. The output is emulated using complemen-
tary LVCMOS outputs in conjunction with resistors across the driver outputs. The input standard is supported by
the LVDS differential input buffer. BLVDS is intended for use when multi-drop and bi-directional multi-point differen-
tial signaling is required. The scheme shown in Figure 3-2 is one possible solution for bi-directional multi-point dif-
ferential signals.
Figure 3-2. BLVDS Multi-point Output Example
Table 3-2. BLVDS DC Conditions
1
Over Recommended Operating Conditions
Symbol
Description
Nominal
Units
Zo = 45
Zo = 90
ZOUT
Output impedance
10
10
Ohms
RS
Driver series resistance
80
80
Ohms
RTLEFT
Left end termination
45
90
Ohms
RTRIGHT
Right end termination
45
90
Ohms
VOH
Output high voltage
1.376
1.480
V
VOL
Output low voltage
1.124
1.020
V
VOD
Output differential voltage
0.253
0.459
V
VCM
Output common mode voltage
1.250
1.250
V
IDC
DC output current
11.236
10.204
mA
1. For input buffer, see LVDS table.
Heavily loaded backplane, effective Zo ~ 45 to 90 ohms differential
2.5V
80
80
80
80
80
80
45-90 ohms
45-90 ohms
80
2.5V
2.5V
2.5V
2.5V
2.5V
2.5V
2.5V
+
-
. . .
-
. . .
+
-
-
16mA
16mA
16mA
16mA
16mA
16mA
16mA
16mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com