Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCMXO2-1200ZE-2TG144C Datasheet(PDF) 56 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-2TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-2TG144C Datasheet(HTML) 56 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-2TG144C Datasheet HTML 52Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 53Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 54Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 55Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 56Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 57Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 58Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 59Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 60Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 106 page
background image
3-17
DC and Switching Characteristics
MachXO2 Family Data Sheet
MachXO2 External Switching Characteristics – HC/HE Devices
1, 2, 3, 4, 5, 6, 7
Over Recommended Operating Conditions
Parameter
Description
Device
-6
-5
-4
Units
Min.
Max.
Min.
Max.
Min.
Max.
Clocks
Primary Clocks
fMAX_PRI
8
Frequency for Primary Clock
Tree
All MachXO2 devices
—
388
—
323
—
269
MHz
tW_PRI
Clock Pulse Width for Primary
Clock
All MachXO2 devices
0.5
—
0.6
—
0.7
—
ns
tSKEW_PRI
Primary Clock Skew Within a
Device
MachXO2-256HC-HE
—
912
—
939
—
975
ps
MachXO2-640HC-HE
—
844
—
871
—
908
ps
MachXO2-1200HC-HE
—
868
—
902
—
951
ps
MachXO2-2000HC-HE
—
867
—
897
—
941
ps
MachXO2-4000HC-HE
—
865
—
892
—
931
ps
MachXO2-7000HC-HE
—
902
—
942
—
989
ps
Edge Clock
fMAX_EDGE
8
Frequency for Edge Clock
MachXO2-1200 and
larger devices
—
400
—
333
—
278
MHz
Pin-LUT-Pin Propagation Delay
tPD
Best case propagation delay
through one LUT-4
All MachXO2 devices
—
6.72
—
6.96
—
7.24
ns
General I/O Pin Parameters (Using Primary Clock without PLL)
tCO
Clock to Output - PIO Output
Register
MachXO2-256HC-HE
—
7.13
—
7.30
—
7.57
ns
MachXO2-640HC-HE
—
7.15
—
7.30
—
7.57
ns
MachXO2-1200HC-HE
—
7.44
—
7.64
—
7.94
ns
MachXO2-2000HC-HE
—
7.46
—
7.66
—
7.96
ns
MachXO2-4000HC-HE
—
7.51
—
7.71
—
8.01
ns
MachXO2-7000HC-HE
—
7.54
—
7.75
—
8.06
ns
tSU
Clock to Data Setup - PIO
Input Register
MachXO2-256HC-HE
-0.06
—
-0.06
—
-0.06
—
ns
MachXO2-640HC-HE
-0.06
—
-0.06
—
-0.06
—
ns
MachXO2-1200HC-HE
-0.17
—
-0.17
—
-0.17
—
ns
MachXO2-2000HC-HE
-0.20
—
-0.20
—
-0.20
—
ns
MachXO2-4000HC-HE
-0.23
—
-0.23
—
-0.23
—
ns
MachXO2-7000HC-HE
-0.23
—
-0.23
—
-0.23
—
ns
tH
Clock to Data Hold - PIO Input
Register
MachXO2-256HC-HE
1.75
—
1.95
—
2.16
—
ns
MachXO2-640HC-HE
1.75
—
1.95
—
2.16
—
ns
MachXO2-1200HC-HE
1.88
—
2.12
—
2.36
—
ns
MachXO2-2000HC-HE
1.89
—
2.13
—
2.37
—
ns
MachXO2-4000HC-HE
1.94
—
2.18
—
2.43
—
ns
MachXO2-7000HC-HE
1.98
—
2.23
—
2.49
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com