Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCMXO2-1200ZE-2TG144C Datasheet(PDF) 66 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-2TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-2TG144C Datasheet(HTML) 66 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-2TG144C Datasheet HTML 62Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 63Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 64Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 65Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 66Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 67Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 68Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 69Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 70Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 106 page
background image
3-27
DC and Switching Characteristics
MachXO2 Family Data Sheet
Generic DDRX2 Outputs with Clock and Data Centered at Pin Using PCLK Pin for Clock Input – GDDRX2_TX.ECLK.Centered
9
tDVB
Output Data Valid Before CLK
Output
MachXO2-640U,
MachXO2-1200/U
and larger devices,
top side only
1.445
—
1.760
—
2.140
—
ns
tDVA
Output Data Valid After CLK
Output
1.445
—
1.760
—
2.140
—
ns
fDATA
DDRX2 Serial Output Data
Speed
—280
—234
—194
Mbps
fDDRX2
DDRX2 ECLK Frequency
(minimum limited by PLL)
—140
—117
—
97
MHz
fSCLK
SCLK Frequency
—
70
—
59
—
49
MHz
Generic DDRX4 Outputs with Clock and Data Aligned at Pin Using PCLK Pin for Clock Input – GDDRX4_TX.ECLK.Aligned
9
tDIA
Output Data Invalid After CLK
Output
MachXO2-640U,
MachXO2-1200/U
and larger devices,
top side only
—
0.270
—
0.300
—
0.330
ns
tDIB
Output Data Invalid Before
CLK Output
—
0.270
—
0.300
—
0.330
ns
fDATA
DDRX4 Serial Output Data
Speed
—420
—352
—292
Mbps
fDDRX4
DDRX4 ECLK Frequency
—
210
—
176
—
146
MHz
fSCLK
SCLK Frequency
—
53
—
44
—
37
MHz
Generic DDRX4 Outputs with Clock and Data Centered at Pin Using PCLK Pin for Clock Input – GDDRX4_TX.ECLK.Centered
9
tDVB
Output Data Valid Before CLK
Output
MachXO2-640U,
MachXO2-1200/U
and larger devices,
top side only
0.873
—
1.067
—
1.319
—
ns
tDVA
Output Data Valid After CLK
Output
0.873
—
1.067
—
1.319
—
ns
fDATA
DDRX4 Serial Output Data
Speed
—420
—352
—292
Mbps
fDDRX4
DDRX4 ECLK Frequency
(minimum limited by PLL)
—210
—176
—146
MHz
fSCLK
SCLK Frequency
—
53
—
44
—
37
MHz
7:1 LVDS Outputs – GDDR71_TX.ECLK.7:1
9
tDVB
Output Data Valid Before CLK
Output
MachXO2-640U,
MachXO2-1200/U
and larger devices,
top side only.
—
0.240
—
0.270
—
0.300
ns
tDVA
Output Data Valid After CLK
Output
—
0.240
—
0.270
—
0.300
ns
fDATA
DDR71 Serial Output Data
Speed
—420
—352
—292
Mbps
fDDR71
DDR71 ECLK Frequency
—
210
—
176
—
146
MHz
fCLKOUT
7:1 Output Clock Frequency
(SCLK) (minimum limited by
PLL)
—60—50
—42
MHz
Parameter
Description
Device
-3
-2
-1
Units
Min.
Max.
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com