Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC647B Datasheet(PDF) 3 Page - Microchip Technology

Part # TC647B
Description  PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC647B Datasheet(HTML) 3 Page - Microchip Technology

  TC647B Datasheet HTML 1Page - Microchip Technology TC647B Datasheet HTML 2Page - Microchip Technology TC647B Datasheet HTML 3Page - Microchip Technology TC647B Datasheet HTML 4Page - Microchip Technology TC647B Datasheet HTML 5Page - Microchip Technology TC647B Datasheet HTML 6Page - Microchip Technology TC647B Datasheet HTML 7Page - Microchip Technology TC647B Datasheet HTML 8Page - Microchip Technology TC647B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
 2002-2013 Microchip Technology Inc.
DS21756C-page 3
TC642B/TC647B
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage (VDD) .......................................................6.0V
Input Voltage, Any Pin................(GND - 0.3V) to (VDD +0.3V)
Operating Temperature Range ....................- 40°C to +125°C
Maximum Junction Temperature, TJ ........................... +150°C
ESD Protection on all pins ........................................... > 3 kV
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied. Expo-
sure to maximum rating conditions for extended periods may
affect device reliability.
PIN FUNCTION TABLE
Name
Function
VIN
Analog Input
CF
Analog Output
VMIN
Analog Input
GND
Ground
SENSE
Analog Input
FAULT
Digital (Open-Drain) Output
VOUT
Digital Output
VDD
Power Supply Input
ELECTRICAL SPECIFICATIONS
Electrical Specifications: Unless otherwise specified, all limits are specified for -40°C < TA < +85°C, VDD = 3.0V to 5.5V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Supply Voltage
VDD
3.0
—
5.5
V
Supply Current, Operating
IDD
—
200
400
µA
Pins 6, 7 Open,
CF = 1 µF, VIN = VC(MAX)
Supply Current, Shutdown Mode
IDD(SHDN)
—
30
—
µA
Pins 6, 7 Open,
CF = 1 µF, VMIN = 0.35V
VOUT Output
Sink Current at VOUT Output
IOL
1.0
—
—
mA
VOL = 10% of VDD
Source Current at VOUT Output
IOH
5.0
—
—
mA
VOH = 80% of VDD
VIN, VMIN Inputs
Input Voltage at VIN or VMIN for 100%
PWM Duty Cycle
VC(MAX)
2.45
2.60
2.75
V
Over-Temperature Indication
Threshold
VOTF
VC(MAX) +
20 mV
V
For TC642B Only
Over-Temperature Indication
Threshold Hysteresis
VOTF-HYS
80
mV
For TC642B Only
VC(MAX) - VC(MIN)
VC(SPAN)
1.3
1.4
1.5
V
Minimum Speed Threshold
VMIN
VC(MAX) -
VC(SPAN)
VC(MAX)
V
Voltage Applied to VMIN to Ensure
Shutdown Mode
VSHDN
——
VDD x 0.13
V
Voltage Applied to VMIN to Release
Shutdown Mode
VREL
VDD x 0.19
—
—
V
VDD = 5V
Hysteresis on VSHDN, VREL
VHYST
—
0.03 x VDD
—V
VIN, VMIN Input Leakage
IIN
- 1.0
—
+1.0
µA
Note 1
Pulse-Width Modulator
PWM Frequency
fPWM
26
30
34
Hz
CF = 1.0 µF
Note
1:
Ensured by design, tested during characterization.
2:
For VDD < 3.7V, tSTARTUP and tMP timers are typically 13/f.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com