Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC647B Datasheet(PDF) 7 Page - Microchip Technology

Part # TC647B
Description  PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC647B Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC647B Datasheet HTML 3Page - Microchip Technology TC647B Datasheet HTML 4Page - Microchip Technology TC647B Datasheet HTML 5Page - Microchip Technology TC647B Datasheet HTML 6Page - Microchip Technology TC647B Datasheet HTML 7Page - Microchip Technology TC647B Datasheet HTML 8Page - Microchip Technology TC647B Datasheet HTML 9Page - Microchip Technology TC647B Datasheet HTML 10Page - Microchip Technology TC647B Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
 2002-2013 Microchip Technology Inc.
DS21756C-page 7
TC642B/TC647B
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VDD = 5V, TA = +25°C.
FIGURE 2-1:
IDD vs. Temperature.
FIGURE 2-2:
PWM Sink Current (IOL) vs.
VOL.
FIGURE 2-3:
PWM Source Current (IOH)
vs. VDD-VOH.
FIGURE 2-4:
PWM Frequency vs.
Temperature.
FIGURE 2-5:
IDD vs. VDD.
FIGURE 2-6:
IDD Shutdown vs.
Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
125
130
135
140
145
150
155
160
165
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (ºC)
VDD = 3.0V
VDD = 5.5V
Pins 6 & 7 Open
CF = 1 µF
0
2
4
6
8
10
12
14
16
0
50
100 150 200 250 300 350 400 450 500 550 600
V
OL (mV)
VDD = 5.5V
VDD = 5.0V
VDD = 3.0V
VDD = 4.0V
0
2
4
6
8
10
12
14
16
0
100
200
300
400
500
600
700
800
V
DD - VOH (mV)
VDD = 5.5V
VDD = 5.0V
VDD = 3.0V
VDD = 4.0V
28.50
29.00
29.50
30.00
30.50
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (ºC)
VDD = 3.0V
VDD = 5.5V
CF = 1.0PF
125
130
135
140
145
150
155
160
165
170
33.5
4
4.555.5
V
DD (V)
TA = -40ºC
TA = -5ºC
TA = +125ºC
TA = +90ºC
Pins 6 & 7 Open
CF = 1 µF
15
18
21
24
27
30
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (ºC)
VDD = 5.5V
VDD = 3.0V
Pins 6 & 7 Open
VMIN = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com