Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC647B Datasheet(PDF) 1 Page - Microchip Technology

Part # TC647B
Description  PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC647B Datasheet(HTML) 1 Page - Microchip Technology

  TC647B Datasheet HTML 1Page - Microchip Technology TC647B Datasheet HTML 2Page - Microchip Technology TC647B Datasheet HTML 3Page - Microchip Technology TC647B Datasheet HTML 4Page - Microchip Technology TC647B Datasheet HTML 5Page - Microchip Technology TC647B Datasheet HTML 6Page - Microchip Technology TC647B Datasheet HTML 7Page - Microchip Technology TC647B Datasheet HTML 8Page - Microchip Technology TC647B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
 2002-2013 Microchip Technology Inc.
DS21756C-page 1
TC642B/TC647B
Features
• Temperature-Proportional Fan Speed for Acoustic
Noise Reduction and Longer Fan Life
• Efficient PWM Fan Drive
• 3.0V to 5.5V Supply Range:
- Fan Voltage Independent of TC642B/TC647B
Supply Voltage
- Supports any Fan Voltage
•FanSense™ Fault Detection Circuit Protects
Against Fan Failure and Aids System Testing
• Shutdown Mode for "Green" Systems
• Supports Low Cost NTC/PTC Thermistors
• Over-Temperature Indication (TC642B only)
• Fan Auto-Restart
• Space-Saving 8-Pin MSOP Package
Applications
• Personal Computers & Servers
• LCD Projectors
• Datacom & Telecom Equipment
• Fan Trays
•File Servers
• General Purpose Fan Speed Control
Package Types
Description
The TC642B/TC647B devices are new versions of the
existing TC642/TC647 fan speed controllers. These
devices are switch mode, fan speed controllers that
incorporate a new fan auto-restart function. Tempera-
ture-proportional speed control is accomplished using
pulse width modulation. A thermistor (or other voltage
output temperature sensor) connected to the VIN input
supplies the required control voltage of 1.20V to 2.60V
(typical) for 0% to 100% PWM duty cycle. Minimum fan
speed is set by a simple resistor divider on the VMIN
input. An integrated Start-Up Timer ensures reliable
motor start-up at turn-on, coming out of shutdown
mode or following a transient fault. A logic-low applied
to VMIN (pin 3) causes fan shutdown.
The TC642B and TC647B also feature Microchip
Technology's proprietary FanSense™ technology for
increasing system reliability. In normal fan operation, a
pulse train is present at SENSE (pin 5). A missing-
pulse detector monitors this pin during fan operation. A
stalled, open or unconnected fan causes the TC642B/
TC647B device to turn the VOUT output on full (100%
duty cycle). If the fault persists (a fan current pulse is
not detected within a 32/f period), the FAULT output
goes low. Even with the FAULT output low, the VOUT
output is on full during the fan fault condition in order to
attempt to restart the fan. FAULT is also asserted if the
PWM reaches 100% duty cycle (TC642B only), indicat-
ing that maximum cooling capability has been reached
and a possible overheating condition exists.
The TC642B and TC647B devices are available in 8-pin
plastic MSOP, SOIC and PDIP packages. The specified
temperature range of these devices is -40 to +85ºC.
MSOP, PDIP, SOIC
1
2
3
4
VDD
5
6
7
8
VOUT
SENSE
VIN
CF
VMIN
GND
FAULT
TC642B
TC647B
PWM Fan Speed Controllers With Minimum Fan Speed,
Fan Restart and FanSense™ Technology for Fault Detection


Similar Part No. - TC647B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC647B MICROCHIP-TC647B Datasheet
662Kb / 34P
PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
2003
TC647B MICROCHIP-TC647B Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TC647B MICROCHIP-TC647B Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
TC647BEOA713 MICROCHIP-TC647BEOA713 Datasheet
662Kb / 34P
PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
2003
TC647BEOATR MICROCHIP-TC647BEOATR Datasheet
662Kb / 34P
PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
2003
More results

Similar Description - TC647B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC642 MICROCHIP-TC642 Datasheet
485Kb / 28P
PWM Fan Speed Controller with FanSense??Technology
2002
TC654 MICROCHIP-TC654 Datasheet
706Kb / 36P
Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
2002
TC664 MICROCHIP-TC664 Datasheet
695Kb / 36P
SMBus??PWM Fan Speed Controllers With Fan Fault Detection
2002
TC646B MICROCHIP-TC646B Datasheet
683Kb / 36P
PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
2003
TC642B MICROCHIP-TC642B Datasheet
662Kb / 34P
PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
2003
TC642 MICROCHIP-TC642_13 Datasheet
400Kb / 28P
PWM Fan Speed Controller with FanSense??Technology
11/29/12
TC646B MICROCHIP-TC646B_13 Datasheet
580Kb / 36P
PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
11/29/12
TC647 MICROCHIP-TC647_13 Datasheet
386Kb / 28P
PWM Fan Speed Controller with FanSense??Technology
11/29/12
TC664 MICROCHIP-TC664_36 Datasheet
558Kb / 36P
SMBus??PWM Fan Speed Controllers With Fan Fault Detection
11/29/12
TC654 MICROCHIP-TC654_14 Datasheet
580Kb / 38P
Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com