Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45R2K-C Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45R2K-C
Description  Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R2K-C Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45R2K-C Datasheet HTML 9Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 10Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 11Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 12Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 13Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 14Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 15Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 16Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 105 page
background image
Rev. 1.20
12
�a� �0� 201�
Rev. 1.20
1�
�a� �0� 201�
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
Operational Amplifier Electrical Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
DC Electrical Characteristics
VDD
Suppl� Voltage
—
—
2.2
—
5.5
V
ICC
Suppl� Current Per
Signal Amplifier
5V
No load
150
�60
500
μA
OP0, OP2
SR
Slew Rate at Unit� Gain
�V
RL= 100KΩ, CL= 100pF
7.5
—
—
V/μs
GBW
Gain Bandwidth Product
�V
RL= 100KΩ, CL= 100pF
—
—
2
�Hz
OP1
SR
Slew Rate at Unit� Gain
�V
RL= 100KΩ, CL= 100pF
7.5
—
—
V/μs
GBW
Gain Bandwidth Product
�V
RL= 100KΩ, CL= 100pF
—
—
5
�Hz
Instrumentation Amplifier Electrical Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Condition
VDD
Suppl� Voltage
—
—
2.2
—
5.5
V
Icc
Suppl� Current
5V
Io= 0A
—
1.2
—
mA
SR
Slew Rate at Unit� Gain
�V
RL= 100KΩ, CL= 100pF
7.5
—
—
V/µs
GBW
Gain Bandwidth Product
�V
RL= 100 KΩ, CL= 100pF
—
—
5
�Hz
GER
Gain Error
—
—
-10%
—
10%
VOS
Input Offset Voltage
�V
—
-15
—
15
mV
Power-on Reset Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VPOR
VDD Start Voltage to Ensure
Power-on Reset
—
—
—
—
100
mV
RRVDD
VDD Rising Rate to Ensure
Power-on Reset
—
—
0.0�5
—
—
V/ms
VDCPOR_�AX
DC POR �aximum Voltage
—
—
0.6
—
2.2
V
tPOR1
�inimum Time for VDD
Sta�s at VPOR to Ensure
Power-on Reset
— Without 0.1
m
F between
VDD and VSS
2
—
—
μs
tPOR2
�inimum Time for VDD
Sta�s at VPOR to Ensure
Power-on Reset
— With 0.1
m
F between VDD
and VSS
10
—
—
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com