Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45R2K-C Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT45R2K-C
Description  Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R2K-C Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT45R2K-C Datasheet HTML 37Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 38Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 39Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 40Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 41Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 42Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 43Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 44Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 105 page
background image
Rev. 1.20
40
�a� �0� 201�
Rev. 1.20
41
�a� �0� 201�
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
Input/Output Ports
Holtek microcontrollers offer considerable flexibility on their I/O ports. Most pins can have either an
input or output designation under user program control. Additionally, as there are pull-high resistors
and wake-up software configurations, the user is provided with an I/O structure to meet the needs of
a wide range of application possibilities.
For input operation, these ports are non-latching, which means the inputs must be ready at the T2
rising edge of instruction "MOV A, [m]", where m denotes the port address. For output operation,
all the data is latched and remains unchanged until the output latch is rewritten.
I/O Register List
Register
Name
POR
Bit
7
6
5
4
3
2
1
0
PAWK
00H
PAWK7
PAWK6
PAWK5
PAWK4
PAWK�
PAWK2
PAWK1
PAWK0
PAC
FFH
PAC7
PAC6
PAC5
PAC4
PAC�
PAC2
PAC1
PAC0
PAPU
00H
—
PAPU6
PAPU5
PAPU4
PAPU�
PAPU2
PAPU1
PAPU0
PBC
�FH
—
—
PBC5
PBC4
PBC�
PBC2
PBC1
PBC0
PBPU
00H
—
—
PBPU5
PBPU4
PBPU�
PBPU2
PBPU1
PBPU0
PCC
FFH
PCC7
PCC6
PCC5
PCC4
PCC�
PCC2
PCC1
PCC0
PCPU
FFH
PCPU7
PCPU6
PCPU5
PCPU4
PCPU�
PCPU2
PCPU1
PCPU0
Pull-high Resistors
Many product applications require pull-high resistors for their switch inputs usually requiring the
use of an external resistor. To eliminate the need for these external resistors, when configured as
an input have the capability of being connected to an internal pull-high resistor. These pull-high
resistors are selectable via a register known as PAPU, PBPU and PCPU located in the Data Memory.
The pull-high resistors are implemented using weak PMOS transistors. Note that pin PA7 does not
have a pull-high resistor selection.
PAPU Register
Bit
7
6
5
4
3
2
1
0
Name
—
PAPU6
PAPU5
PAPU4
PAPU�
PAPU2
PAPU1
PAPU0
R/W
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
0
0
0
0
0
0
0
Bit 7
Unimplemented, read as “0”
Bit 6~0
PAPU: I/O Port bit 6 ~ bit 0 Pull-High Control
0: Disable
1: Enable
PBPU Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
PBPU5
PBPU4
PBPU�
PBPU2
PBPU1
PBPU0
R/W
—
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
—
0
0
0
0
0
0
Bit 7~6
Unimplemented, read as “0”
Bit 5~0
PBPU: I/O Port bit5 ~ bit 0 Pull-High Control
0: Disable
1: Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com