Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45R2K-C Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT45R2K-C
Description  Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R2K-C Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT45R2K-C Datasheet HTML 17Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 18Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 19Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 20Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 21Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 22Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 23Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 24Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 105 page
background image
Rev. 1.20
20
�a� �0� 201�
Rev. 1.20
21
�a� �0� 201�
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
IA R0
MP 0
IA R1
MP 1
BP
AC C
PC L
TB LP
TB LH
CT RL 0
ST AT US
IN TC 0
LV RC
TM R0
TM R0 C
TM R1 H
TM R1 L
TM R1 C
PA
PA C
PB
PB C
DA CO
FT RC
AD CR
SW C
AD CD
WD TC 1
W DT C
WD TD
IN TC 1
CHP RC
TM R2 H
TM R2 L
TM R2 C
SG C
SG DN R
SG N
HA LT C
L CDO UT
CT RL 1
VI BR C
I AD AC
PC
PC C
PA WK
PAPU
PBPU
PC PU
SF S
OP AC
LC DC
MF IC
IA C0
IA C1
TK M0 C4
TK M0 16D H
TK M0 16D L
TK M0 10D L
TK M0 RO
TK M0 C0
TK M0 C1
TK M0 C2
TK M0 C3
00 H
01 H
02 H
03 H
04 H
05 H
06 H
07 H
08 H
09 H
0A H
0B H
0C H
0D H
0E H
0F H
10 H
11 H
12 H
13 H
14 H
15 H
16 H
17 H
18 H
19 H
1A H
1B H
1C H
1D H
1E H
1F H
20 H
21 H
22 H
23 H
24 H
25 H
26 H
27 H
28 H
29 H
2A H
2B H
2C H
2D H
2E H
2F H
30 H
31 H
32 H
33 H
34 H
35 H
36 H
37 H
38 H
39 H
3A H
3B H
3D H
3C H
3E H
3F H
B ank 0 , B ank 1 , B ank 2 , Ba nk 3
Special Purpose Data Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com