Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT85F2270 Datasheet(PDF) 126 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 126 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 122Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 123Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 124Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 125Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 126Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 127Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 128Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 129Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 130Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 226 page
background image
Rev. 1.00
1�6 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Programming Considerations
Within the user program, one of the first things to consider is port initialisation. After a reset, the
I/O data register will be set high and I/O port mode registers will be cleared to low. This means that
all I/O pins will default to a Quasi-bidirectional structure. The I/O pins can be re-assigned to some
other mode for each I/O using the control registers, PnM0 and PnM1. Ports P0~P3 provide four I/O
structure modes option while the P4 and P5 only provide a Quasi-bidirectional I/O structure mode.
Care should be taken to setup the correct I/O structure for each I/O pin, otherwise unexpected data
will be input or output on the I/O pins.
The data registers, P0~P5, reflect the value of the corresponding I/O port, however, they do not
necessarily reflect the I/O pin logic state. During reading and writing of data to these registers,
what actually happens is dependent upon whether the corresponding pin is setup as an output or
input. A write operation is only effective when the corresponding pin is setup as an output. In such
cases a write operation will setup the logic level, low or high, on the pin. A read operation will read
the current logic level, low or high, on the corresponding pin.
If any pins are setup to be used as A/D input pins then it is important to ensure that the I/O Port
Mode registers setup the pins as inputs, which are essentially high impedance inputs. In this way
the I/O logic circuits will have a minimal influence on the A/D input impedance.
When using these bit control instructions, a read-modify-write operation takes place. The
microcontroller must first read in the data on the entire port, modify it to the required new bit
values and then rewrite this data back to the output ports, such as using CLR or SET bit write
instructions. Care should be taken that some instructions, the Read-Modify-Write instructions,
operate on the Pn register, such as “INC P0” or “ANL P2, A”, while others can operate directly
onto the external port input, such as “MOV A, P1”. Note that P4 and P5 cannot be modified by
bit manipulation instructions as their registers are not located in bit addressable space. In case of
reading, the state of P4 and P5 registers reflects the value of the corresponding I/O port.
The accompanying table illustrates the Read-Modify-Write related instructions.
Mnemonic
Instruction
Example
Bit Manipulation
ANL
Logical AND
ANL P�� A
—
ORL
Logical OR
OR P�� A
—
XRL
Logical XOR
XRL P�� A
—
JBC
Jump if bit set and then clear bit
JBC P�.0� (LABEL)
—
CPL
Complement bit
CPL P�.0
—
INC
Increment
INC P�
—
DEC
Decrement
DEC P�
—
DJNZ
Decrement and jump if not zero
DJNZ P�� (LABEL)
—
�OV Px.�� C
Move carry flag to Bit y of Port x
�OV P�.0� C
V
CLR Px.�
Clear Bit � of Port x
CLR P�.0
V
SET Px.�
Set Bit � of Port x
SET P�.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com