Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT85F2270 Datasheet(PDF) 128 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 128 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 124Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 125Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 126Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 127Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 128Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 129Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 130Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 131Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 132Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 226 page
background image
Rev. 1.00
1�8 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
28 Timer/Event Counters 0, 1, 3
These three timers provide have a similar type and structure and operate with a choice of three
modes for Timers 1 and 3 and four modes for Timer 0. They provide basic timing and event
counting operations.
Introduction
The different operating modes of the timers are selected using the TnM1 and TnM0 bits in the
TMOD or T3CON register.
Timer Mode
TnM1, TnM0 bits
Mode Name
Application Timer
0
00
1�-bit Timer-Counter
Timer 0� 1� �
1
01
16-bit Counter
Timer 0� 1� �
�
10
8-bit Counter Auto Reload
Timer 0� 1� �
�
11
Two 8-bit Counters
Timer 0 onl�
The registers, THn and TLn, are special function registers located in the Special Function Registers
and is the place where the actual timer value is stored. This register pair, are each 8-bit wide, and
can be cascaded into 13-bit or 16-bit wide using mode options. The value in the timer registers
increases by one each time an internal clock pulse is received or an external transition occurs on
the external timer pin. The timer will count from the initial value loaded by the preload register to
their full count at which point the timer overflows and an internal interrupt signal is generated. If
the timer auto-reload mode is selected, the timer value will then be reset with the initial preload
register value and continue counting, otherwise the timer value will be reset to zero. Note that to
achieve a maximum full range count, the preload register must first be cleared to all zeros.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com