Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5534MVM80 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MPC5534MVM80
Description  MPC5534 Microcontroller Data Sheet
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5534MVM80 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MPC5534MVM80 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
MPC5534 Microcontroller Data Sheet, Rev. 6
Electrical Characteristics
Freescale Semiconductor
24
Table 16 shows the FLASH_BIU settings versus frequency of operation. Refer to the device reference
manual for definitions of these bit fields.
3.12
AC Specifications
3.12.1
Pad AC Specifications
Table 16. FLASH_BIU Settings vs. Frequency of Operation1
1 Illegal combinations exist. Use entries from the same row in this table.
Target Maximum Frequency (MHz)
APC
RWSC
WWSC
DPFEN 2
2 For maximum flash performance, set to 0b1.
IPFEN 2
PFLIM 3
3 For maximum flash performance, set to 0b010.
BFEN 2
Up to and including 27 MHz 4, 5
4 27 MHz parts allow for 25 MHz system clock + 2% frequency modulation (FM).
5 The APC, RWSC, and WWSC combination requires setting the PRD bit to 1 in the flash MCR register.
0b000
0b000
0b01
0b0
0b1
0b0
0b1
0b000
to
0b010
0b0
0b1
Up to and including 52 MHz 6
6 52 MHz parts allow for 50 MHz system clock + 2% FM.
0b001
0b001
0b01
0b0
0b1
0b0
0b1
0b000
to
0b010
0b0
0b1
Up to and including 77 MHz 7
7 77 MHz parts allow for 75 MHz system clock + 2% FM.
0b010
0b010
0b01
0b0
0b1
0b0
0b1
0b000
to
0b010
0b0
0b1
Up to and including 82 MHz 8
8 82 MHz parts allow for 80 MHz system clock + 2% FM.
0b0119
9 For frequencies up to and including 80 MHz, if VDD is within ±5% of 1.5 V, then APC = RWSC = 0b010 is a valid setting.
0b0119
0b01
0b0
0b1
0b0
0b1
0b000
to
0b010
0b0
0b1
Reset values:
0b111
0b111
0b11
0b0
0b0
0b000
0b0
Table 17. Pad AC Specifications (VDDEH = 5.0 V, VDDE = 1.8 V)
1
Spec
Pad
SRC / DSC
(binary)
Out Delay 2, 3, 4
(ns)
Rise / Fall 4, 5
(ns)
Load Drive
(pF)
1
Slow high voltage (SH)
11
26
15
50
82
60
200
01
75
40
50
137
80
200
00
377
200
50
476
260
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com