Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5534MVM80 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MPC5534MVM80
Description  MPC5534 Microcontroller Data Sheet
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5534MVM80 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MPC5534MVM80 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
Electrical Characteristics
MPC5534 Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
33
3.13.4
External Bus Interface (EBI) Timing
Table 22 lists the timing information for the external bus interface (EBI).
Table 22. External Bus Operation Timing1, 2
Spec
Characteristic
and
Description
Symbol
External Bus Frequency 3
Unit
Notes
20 MHz
33 MHz
40 MHz
Min.
Max
Min.
Max
Min.
Max
1
CLKOUT period
TC
24.4
—17.5—
14.9
—ns
Signals are measured at
50% VDDE.
2
CLKOUT duty cycle
tCDC
45%
55%
45%
55%
45%
55%
TC
3
CLKOUT rise time
tCRT
—
—4
——
—
—4
ns
4
CLKOUT fall time
tCFT
—
—4
——4
—
—4
ns
5 5
CLKOUT positive edge to
output signal invalid or
Hi-Z (hold time)
External bus interface
CS[0:3]
ADDR[8:31]
DATA[0:15]
RD_WR
BDIP
WE/BE[0:1]
OE
TS
TA
tCOH
1.06
1.5
—
1.06
1.5
—
1.06
1.5
—ns
EBTS = 0
EBTS = 1
Hold time selectable via
SIU_ECCR
[EBTS] bit.
5
Calibration bus interface
CAL_CS[0, 2:3]
CAL_ADDR[10:30]
CAL_DATA[0:15]
CAL_RD_WR
CAL_WE[0:1]
CAL_OE
CAL_TS
tCCOH
1.0 6
1.5
—
1.0 6
1.5
—
1.0 6
1.5
—ns
EBTS = 0
EBTS = 1
Hold time selectable via
SIU_ECCR
[EBTS] bit.
6 5
CLKOUT positive edge to
output signal valid
(output delay)
External bus interface
CS[0:3]
ADDR[8:31]
DATA[0:15]
RD_WR
BDIP
WE/BE[0:1]
OE
TS
TA
tCOV
—
10.06
11.0
—
10.06
11.0
—
10.06
11.0
ns
EBTS = 0
EBTS = 1
Output valid time
selectable via
SIU_ECCR
[EBTS] bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com