Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5534MVM80 Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # MPC5534MVM80
Description  MPC5534 Microcontroller Data Sheet
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5534MVM80 Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button MPC5534MVM80 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5534MVM80 Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
MPC5534 Microcontroller Data Sheet, Rev. 6
Revision History for the MPC5534 Data Sheet
Freescale Semiconductor
54
The following table describes the changes made to information in tables and figures, and is presented in
sequential page number order.
Table 30. Table and Figure Changes Between Rev. 3.0 and 4.0
Location
Description of Changes
Figure 1, MPC5500 Family Part Numbers:
• Removed the 2 in the tape and reel designator in both the graphic and in the Tape and Reel Status text.
• Changed Qualification Status by adding ‘, general market flow’ to the M designator, and added an ‘S’ designator
with the description of ‘Fully spec. qualified, automotive flow.
Table 1, Orderable Part Numbers:
• Footnote 1 added that reads: All devices are PPC5534, rather than MPC5534 or SPC5534, until product
qualifications are complete. Not all configurations are available in the PPC parts.
• Reordered rows to group devices by lead-free package types in descending frequency order, and leaded
package types.
• Footnote 2 added that reads:’ The lowest ambient operating temperature is referenced by TL; the highest ambient
operating temperature is referenced by TH.’
• Footnote 3 added that reads: ‘Speed is the nominal maximum frequency. Max speed is the maximum speed
allowed including frequency modulation (FM). 42 MHz parts allow for 40 MHz system clock + 2% FM; 68 MHz
parts allow for 66 MHz system clock + 2% FM, and 82 MHz parts allow for 80 MHz system clock + 2% FM.’
Table 2, Absolute Maximum Ratings:
• Deleted Spec 3, “Flash core voltage.”
• Spec 12 “DC Input Voltage”: Deleted from second line‘. . .except for eTPUB[15] and SINB (DSPI_B_SIN)’ leaving
VDDEH powered I/O pads. Deleted third line ‘VDDEH powered by I/O pads (eTPUB[15] and SINB), including the
min. and max values of -0.3 and 6.5 respectively, and deleted old footnote 7.
• Spec 12 “DC Input Voltage”: Added footnote 8 to second line “VDDE powered I/O pads” that reads: ‘Internal
structures hold the input voltage less than the maximum voltage on all pads powered by the VDDE supplies, if the
maximum injection current specification is met (s mA for all pins) and VDDE is within the operating voltage
specifications.
• Spec 14, column 2, changed: ‘VSS differential voltage’ to ‘VSS to VSSA differential voltage.’
• Spec 15, column 2, changed: ‘VDD differential voltage’ to ‘VDD to VDDA differential voltage.’
• Spec 21, Added the name of the spec, ‘VRC33 to VDDSYN differential voltage,’ as well as the name and cross
reference to Table 9, DC Electrical Specifications, to which the Spec was moved.
• Spec 28 “Maximum Solder Temperature”: Added two lines:
Lead free (PbFree) and Leaded (SnPb) with maximum values of 260 C and 245 C respectively.
• Footnote 1, added: ‘any of’ between ‘beyond’ and ‘the listed maxima.’
• Deleted footnote 2: ‘Absolute maximum voltages are currently maximum burn-in voltages. Absolute maximum
specifications for device stress have not yet been determined.’Spec 26 “Maximum Operating Temperature
Range”: replaced -40 C with.
• Footnote 6 (now footnote 5): Changed the end of the last sentence as follows; “Internal structures hold the input
voltage greater than -1.0 V if the injection current limit of 2 mA is met. Keep the negative DC voltage greater than
-0.6 V on eTPU[15] and on SINB during the internal power-on reset (POR) state.”
Table 3, MPC5534 Thermal Characteristics:
Changed for production purposes, footnote 1 from:
Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
to:
Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other board components, and board thermal
resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com