Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN800PSTR-E Datasheet(PDF) 12 Page - STMicroelectronics

Part # VN800PSTR-E
Description  High-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN800PSTR-E Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VN800PSTR-E Datasheet HTML 8Page - STMicroelectronics VN800PSTR-E Datasheet HTML 9Page - STMicroelectronics VN800PSTR-E Datasheet HTML 10Page - STMicroelectronics VN800PSTR-E Datasheet HTML 11Page - STMicroelectronics VN800PSTR-E Datasheet HTML 12Page - STMicroelectronics VN800PSTR-E Datasheet HTML 13Page - STMicroelectronics VN800PSTR-E Datasheet HTML 14Page - STMicroelectronics VN800PSTR-E Datasheet HTML 15Page - STMicroelectronics VN800PSTR-E Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Electrical specifications
VN800PS-E
12/27
Doc ID 15610 Rev 3
Table 12.
Electrical transient requirements on VCC pin (part 1/3)
ISO T/R 7637/1
test pulse
Test levels
I
II
III
IV
Delays and
impedance
1
-25 V
-50 V
-75 V
-100 V
2 ms, 10
Ω
2
+25 V
+50 V
+75 V
+100 V
0.2 ms, 10
Ω
3a
-25 V
-50 V
-100 V
-150 V
0.1 µs, 50
Ω
3b
+25 V
+50 V
+75 V
+100 V
0.1 µs, 50
Ω
4
-4 V
-5 V
-6 V
-7 V
100 ms, 0.01
Ω
5
+26.5 V
+46.5 V
+66.5 V
+86.5 V
400 ms, 2
Ω
Table 13.
Electrical transient requirements on VCC pin (part 2/3)
ISO T/R 7637/1
Test pulse
Test levels results
I
II
III
IV
1
C
CCC
2
C
CCC
3a
C
CCC
3b
C
CCC
4
C
CCC
5C
E
E
E
Table 14.
Electrical transient requirements on VCC pin (part 3/3)
Class
Contents
C
All functions of the device are performed as designed after exposure to
disturbance.
E
One or more functions of the device is not performed as designed after
exposure to disturbance and cannot be returned to proper operation without
replacing the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com