Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN800PSTR-E Datasheet(PDF) 19 Page - STMicroelectronics

Part # VN800PSTR-E
Description  High-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN800PSTR-E Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VN800PSTR-E Datasheet HTML 15Page - STMicroelectronics VN800PSTR-E Datasheet HTML 16Page - STMicroelectronics VN800PSTR-E Datasheet HTML 17Page - STMicroelectronics VN800PSTR-E Datasheet HTML 18Page - STMicroelectronics VN800PSTR-E Datasheet HTML 19Page - STMicroelectronics VN800PSTR-E Datasheet HTML 20Page - STMicroelectronics VN800PSTR-E Datasheet HTML 21Page - STMicroelectronics VN800PSTR-E Datasheet HTML 22Page - STMicroelectronics VN800PSTR-E Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
VN800PS-E
Application information
Doc ID 15610 Rev 3
19/27
3.4
SO-8 maximum demagnetization energy
Figure 22. SO-8 maximum turn off current versus load inductance
Note:
Legend
A = Single pulse at TJstart = 150 ºC
B = Repetitive pulse at TJstart =100 ºC
C = Repetitive Pulse at TJstart = 125 ºC
Conditions:
VCC =13.5V
Values are generated with RL =0 Ω
In case of repetitive pulses, Tjstart (at beginning of each demagnetization) of every pulse
must not exceed the temperature specified above for curves B and C.
Figure 23. Demagnetization
0.1
1
10
1
10
100
1000
L(mH)
ILMAX (A)
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com