Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN800PSTR-E Datasheet(PDF) 17 Page - STMicroelectronics

Part # VN800PSTR-E
Description  High-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN800PSTR-E Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VN800PSTR-E Datasheet HTML 13Page - STMicroelectronics VN800PSTR-E Datasheet HTML 14Page - STMicroelectronics VN800PSTR-E Datasheet HTML 15Page - STMicroelectronics VN800PSTR-E Datasheet HTML 16Page - STMicroelectronics VN800PSTR-E Datasheet HTML 17Page - STMicroelectronics VN800PSTR-E Datasheet HTML 18Page - STMicroelectronics VN800PSTR-E Datasheet HTML 19Page - STMicroelectronics VN800PSTR-E Datasheet HTML 20Page - STMicroelectronics VN800PSTR-E Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
VN800PS-E
Application information
Doc ID 15610 Rev 3
17/27
3.3
Electrical characteristics curves
Figure 10. Off-state output current
Figure 11. High level input current
Figure 12. Status leakage current
Figure 13. On-state resistance vs Tcase
Figure 14. On-state resistance vs VCC
Figure 15. Input high level
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
IL(off1) (µA)
Off state
Vcc=36V
Vin=Vout=0V
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
1
2
3
4
5
6
7
8
Iih (µA)
Vin=3.25V
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
Ilstat (µA)
Vstat=Vcc=36V
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
50
100
150
200
250
300
350
400
Ron (mOhm)
Iout=0.5A
Vcc=8V; 13V; 36V
5
10152025
303540
Vcc (V)
0
50
100
150
200
250
300
350
400
Ron (mOhm)
Iout=0.5A
Tc= - 40ºC
Tc= 25ºC
Tc= 150ºC
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Vih (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com