Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FOD817ASD Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FOD817ASD
Description  AC input response (FOD814 only), Applicable to Pb-free IR reflow soldering
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FOD817ASD Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FOD817ASD Datasheet HTML 1Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 2Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 3Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 4Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 5Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 6Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 7Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 8Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD814 Series, FOD817 Series Rev. 1.1.5
3
Electrical Characteristics (T
A = 25°C Unless otherwise specified.)
Individual Component Characteristics
DC Transfer Characteristics
AC Transfer Characteristics
*Typical values at TA = 25°C
Symbol
Parameter
Device
Test Conditions
Min.
Typ.*
Max.
Unit
EMITTER
VF
Forward Voltage
FOD814
IF = ±20mA
1.2
1.4
V
FOD817
IF = 20mA
1.2
1.4
IR
Reverse Leakage Current
FOD817
VR = 4.0V
10
µA
Ct
Terminal Capacitance
FOD814
V = 0, f = 1kHz
50
250
pF
FOD817
V = 0, f = 1kHz
30
250
DETECTOR
ICEO
Collector Dark Current
FOD814
VCE = 20V, IF = 0
100
nA
FOD817
VCE = 20V, IF = 0
100
BVCEO
Collector-Emitter Breakdown
Voltage
FOD814
IC = 0.1mA, IF = 0
70
V
FOD817
IC = 0.1mA, IF = 0
70
BVECO
Emitter-Collector Breakdown
Voltage
FOD814
IE = 10µA, IF = 0
6
V
FOD817
IE = 10µA, IF = 0
6
Symbol
DC
Characteristic
Device
Test Conditions
Min.
Typ.*
Max.
Unit
CTR
Current Transfer
Ratio
FOD814
IF = ±1mA, VCE = 5V
(1)
20
300
%
FOD814A
50
150
FOD817
IF = 5mA, VCE = 5V
(1)
50
600
FOD817A
80
160
FOD817B
130
260
FOD817C
200
400
FOD817D
300
600
VCE (sat) Collector-Emitter
Saturation Voltage
FOD814
IF = ±20mA, IC = 1mA
0.1
0.2
V
FOD817
IF = 20mA, IC = 1mA
0.1
0.2
Symbol AC Characteristic
Device
Test Conditions
Min.
Typ.*
Max.
Unit
fC
Cut-Off Frequency
FOD814
VCE = 5V, IC = 2mA, RL = 100Ω,
-3dB
15
80
kHz
tr
Response Time (Rise)
FOD814,
FOD817
VCE = 2 V, IC = 2mA, RL = 100Ω
(2)
418
µs
tf
Response Time (Fall)
FOD814,
FOD817
318
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com