Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FOD817ASD Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FOD817ASD
Description  AC input response (FOD814 only), Applicable to Pb-free IR reflow soldering
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FOD817ASD Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FOD817ASD Datasheet HTML 2Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 3Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 4Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 5Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 6Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 7Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 8Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 9Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD814 Series, FOD817 Series Rev. 1.1.5
6
Typical Electrical/Optical Characteristics (Continued) (T
A = 25°C Unless otherwise specified.)
AMBIENT TEMPERATURE TA (°C)
Fig. 10 Collector-Emitter Saturation Voltage
vs. Ambient Temperature
-60 -40 -20
0
20 40 60 80 100 120
0.00
0.02
0.04
0.06
0.08
0.10
0.12
I
F
= 20mA
I
C = 1mA
Fig. 11 LED Power Dissipation
vs. Ambient Temperature (FOD814)
AMBIENT TEMPERATURE TA (°C)
-40 -20
0
20
40
60
80 100 120
-55
0
20
40
60
80
100
Fig. 12 LED Power Dissipation
vs. Ambient Temperature (FOD817)
AMBIENT TEMPERATURE TA (°C)
-40 -20
0
20
40
60
80 100 120
-55
0
20
40
60
80
100
AMBIENT TEMPERATURE TA (°C)
Fig. 9 Relative Current Transfer Ratio
vs. Ambient Temperature
-60 -40 -20
0
20 40 60 80 100 120
IF = 1 mA
VCE = 5V
0
20
40
60
80
100
120
140
160
FOD814
IF = 5mA
VCE = 5V
FOD817
COLLECTOR-EMITTER VOLTAGE VCE (V)
Fig. 7 Collector Current
vs. Collector-Emitter Voltage (FOD814)
Ta= 25°C
I = 30mA
Pc (M AX.)
5mA
10mA
1m A
F
20 m A
010 20 30405060708090 100
0
10
20
30
40
50
COLLECTOR-EMITTER VOLTAGE VCE (V)
Ta = 25°C
I IF = 30mA
Pc(MAX.)
5m A
10mA
20mA
30
25
20
15
10
5
0
010
20
30
405060708090
Fig. 8 Collector Current vs.
Collector-Emitter Voltage (FOD817)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com