Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FOD817ASD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FOD817ASD
Description  AC input response (FOD814 only), Applicable to Pb-free IR reflow soldering
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FOD817ASD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FOD817ASD Datasheet HTML 1Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 2Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 3Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 4Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 5Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 6Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 7Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 8Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD814 Series, FOD817 Series Rev. 1.1.5
December 2011
FOD814 Series, FOD817 Series
4-Pin High Operating Temperature
Phototransistor Optocouplers
Features
■ AC input response (FOD814 only)
■ Applicable to Pb-free IR reflow soldering
■ Compact 4-pin package
■ Current transfer ratio in selected groups:
FOD814:
20–300%
FOD817:
50–600%
FOD814A: 50–150%
FOD817A: 80–160%
FOD817B: 130–260%
FOD817C: 200–400%
FOD817D: 300–600%
■ C-UL, UL and VDE approved
■ High input-output isolation voltage of 5000Vrms
■ Minimum BVCEO of 70V guaranteed
■ Higher operating temperatures (versus H11AXXX
counterparts)
Applications
FOD814 Series
■ AC line monitor
■ Unknown polarity DC sensor
■ Telephone line interface
FOD817 Series
■ Power supply regulators
■ Digital logic inputs
■ Microprocessor inputs
Description
The FOD814 consists of two gallium arsenide infrared
emitting diodes, connected in inverse parallel, driving a
silicon phototransistor output in a 4-pin dual in-line
package. The FOD817 Series consists of a gallium
arsenide
infrared
emitting
diode
driving
a
silicon
phototransistor in a 4-pin dual in-line package.
Functional Block Diagram
1
ANODE, CATHODE
2
4
3
CATHODE, ANODE
COLLECTOR
EMITTER
1
2
4
3 EMITTER
COLLECTOR
ANODE
CATHODE
FOD814
FOD817
4
1


Similar Part No. - FOD817ASD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD817A FAIRCHILD-FOD817A Datasheet
163Kb / 9P
4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
FOD817A FAIRCHILD-FOD817A Datasheet
578Kb / 12P
4-Pin Phototransistor Optocouplers
FOD817A FAIRCHILD-FOD817A Datasheet
723Kb / 12P
4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817A FAIRCHILD-FOD817A Datasheet
723Kb / 12P
4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817A FAIRCHILD-FOD817A Datasheet
723Kb / 12P
4-Pin High Operating Temperature Phototransistor Optocouplers
More results

Similar Description - FOD817ASD

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STW8Q2PA SEOUL-STW8Q2PA Datasheet
576Kb / 21P
Pb-Free Reflow soldering application
logo
List of Unclassifed Man...
FOD817S ETC2-FOD817S Datasheet
723Kb / 12P
Applicable to Pb-free IR reflow soldering, Compact 4-pin package
logo
NICHIA CORPORATION
NCSR119B-V1 NICHIA-NCSR119B-V1 Datasheet
434Kb / 18P
Pb-free Reflow Soldering Application
NFSL172A NICHIA-NFSL172A Datasheet
450Kb / 17P
Pb-free Reflow Soldering Application
NSSM032A NICHIA-NSSM032A_15 Datasheet
535Kb / 17P
Pb-free Reflow Soldering Application
NSSMV01A NICHIA-NSSMV01A Datasheet
545Kb / 17P
Pb-free Reflow Soldering Application
NTSL757G NICHIA-NTSL757G Datasheet
658Kb / 25P
Pb-free Reflow Soldering Application
NTSW757G NICHIA-NTSW757G Datasheet
591Kb / 23P
Pb-free Reflow Soldering Application
NVSA219B-V1 NICHIA-NVSA219B-V1 Datasheet
444Kb / 18P
Pb-free Reflow Soldering Application
logo
TOKO, Inc
SAZ73D TOKO-SAZ73D Datasheet
286Kb / 1P
Applicable to reflow soldering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com