Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5668EF1AVMGR Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # SPC5668EF1AVMGR
Description  MPC5668x Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5668EF1AVMGR Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button SPC5668EF1AVMGR Datasheet HTML 17Page - Freescale Semiconductor, Inc SPC5668EF1AVMGR Datasheet HTML 18Page - Freescale Semiconductor, Inc SPC5668EF1AVMGR Datasheet HTML 19Page - Freescale Semiconductor, Inc SPC5668EF1AVMGR Datasheet HTML 20Page - Freescale Semiconductor, Inc SPC5668EF1AVMGR Datasheet HTML 21Page - Freescale Semiconductor, Inc SPC5668EF1AVMGR Datasheet HTML 22Page - Freescale Semiconductor, Inc SPC5668EF1AVMGR Datasheet HTML 23Page - Freescale Semiconductor, Inc SPC5668EF1AVMGR Datasheet HTML 24Page - Freescale Semiconductor, Inc SPC5668EF1AVMGR Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
Pin Assignments
MPC5668x Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
21
PJ1
PJ[1]
eMIOS[14]
PCS_A[5]
129
00
01
10
11
Port J GPIO
eMIOS Channel
DSPI_A Peripheral Chip Select
—
I/O
I/O
O
—
VDDE4
SH
—
—
T7
T7
PJ2
PJ[2]
eMIOS[13]
PCS_B[1]
130
00
01
10
11
Port J GPIO
eMIOS Channel
DSPI_B Peripheral Chip Select
—
I/O
I/O
O
—
VDDE4
SH
—
—
R8
R8
PJ3
PJ[3]
eMIOS[12]
PCS_B[2]
131
00
01
10
11
Port J GPIO
eMIOS Channel
DSPI_B Peripheral Chip Select
—
I/O
I/O
O
—
VDDE4
SH
—
—
T8
T8
PJ4
PJ[4]
eMIOS[11]
PCS_C[3]
132
00
01
10
11
Port J GPIO
eMIOS Channel
DSPI_C Peripheral Chip Select
—
I/O
I/O
O
—
VDDE4
SH
—
—
R9
R9
PJ5
PJ[5]
eMIOS[10]
PCS_C[4]
133
00
01
10
11
Port J GPIO
eMIOS Channel
DSPI_C Peripheral Chip Select
—
I/O
I/O
O
—
VDDE4
SH
—
—
T9
T9
PJ6
PJ[6]
eMIOS[09]
PCS_D[5]
134
00
01
10
11
Port J GPIO
eMIOS Channel
DSPI_D Peripheral Chip Select
—
I/O
I/O
O
—
VDDE4
SH
—
—
R10
R10
PJ7
PJ[7]
eMIOS[08]
PCS_D[1]
135
00
01
10
11
Port J GPIO
eMIOS Channel
DSPI_D Peripheral Chip Select
—
I/O
I/O
O
—
VDDE4
SH
—
—
T10
T10
PJ8
PJ[8]
eMIOS[07]
136
00
01
10
11
Port J GPIO
eMIOS Channel
—
—
I/O
I/O
—
—
VDDE4
SH
—
—
T11
T11
PJ9
PJ[9]
eMIOS[06]
137
00
01
10
11
Port J GPIO
eMIOS Channel
—
—
I/O
I/O
—
—
VDDE4
SH
—
—
R11
R11
PJ10
PJ[10]
eMIOS[05]
138
00
01
10
11
Port J GPIO
eMIOS Channel
—
—
I/O
I/O
—
—
VDDE4
SH
—
—
N12
N12
PJ11
PJ[11]
eMIOS[04]
139
00
01
10
11
Port J GPIO
eMIOS Channel
—
—
I/O
I/O
—
—
VDDE4
SH
—
—
P12
P12
Table 2. MPC5668x Signal Properties (continued)
Pin
Name1
Supported
Functions2
GPIO
(PCR)
Num3
PA4
Description
I/O
Type
Volt-
age
Pad
Type5
Status
Package Pin
Locations
During
Reset6
After
Reset7
208
BGA
256
BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com