Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5668EF1AVMGR Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # SPC5668EF1AVMGR
Description  MPC5668x Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5668EF1AVMGR Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button SPC5668EF1AVMGR Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5668EF1AVMGR Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5668EF1AVMGR Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5668EF1AVMGR Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5668EF1AVMGR Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5668EF1AVMGR Datasheet HTML 9Page - Freescale Semiconductor, Inc SPC5668EF1AVMGR Datasheet HTML 10Page - Freescale Semiconductor, Inc SPC5668EF1AVMGR Datasheet HTML 11Page - Freescale Semiconductor, Inc SPC5668EF1AVMGR Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
MPC5668x Microcontroller Data Sheet, Rev. 6
Pin Assignments
Freescale Semiconductor
8
3.3
Pin Muxing and Reset States
Table 2 shows the signals properties for each pin on MPC5668x. For all port pins that have an associated SIU_PCRn register
to control pin properties, the supported functions column lists the functions associated with the programming of the
SIU_PCRn[PA] bit in the order: general-purpose input/output (GPIO), function 1, function 2, and function 3 (see Figure 5).
When an alternate function is not implemented for a value of SIU_PCRn[PA], a dash is shown in the Description column and
the respective value in the PA bit field is reserved.
Figure 5. Supported Functions Example
Table 2. MPC5668x Signal Properties
Pin
Name1
Supported
Functions2
GPIO
(PCR)
Num3
PA4
Description
I/O
Type
Volt-
age
Pad
Type5
Status
Package Pin
Locations
During
Reset6
After
Reset7
208
BGA
256
BGA
Port A (16)
PA0
PA[0]
AN[0]
000
01
10
11
Port A GPI
ADC Analog Input
—
—
I
I
—
—
VDDA
IHA
—
—
D15
D15
PA1
PA[1]
AN[1]
100
01
10
11
Port A GPI
ADC Analog Input
—
—
I
I
—
—
VDDA
IHA
—
—
E15
E15
PA2
PA[2]
AN[2]
200
01
10
11
Port A GPI
ADC Analog Input
—
—
I
I
—
—
VDDA
IHA
—
—
F16
F16
PA3
PA[3]
AN[3]
300
01
10
11
Port A GPI
ADC Analog Input
—
—
I
I
—
—
VDDA
IHA
—
—
F15
F15
PA4
PA[4]
AN[4]
400
01
10
11
Port A GPI
ADC Analog Input
—
—
I
I
—
—
VDDA
IHA
—
—
G16
G16
PA5
PA[5]
AN[5]
500
01
10
11
Port A GPI
ADC Analog Input
—
—
I
I
—
—
VDDA
IHA
—
—
G15
G15
PA[0]
AN[0]
GPIO
Function 1
Functions 2 and 3
not implemented
000
01
10
11
Supported
Functions2
GPIO
(PCR)
Num3
PA4
Description
Port A GPI
ADC Analog Input
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com