Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F100VCT7BTR Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM32F100VCT7BTR
Description  High-density value line, advanced ARM-based 32-bit MCU
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100VCT7BTR Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32F100VCT7BTR Datasheet HTML 61Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 62Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 63Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 64Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 65Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 66Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 67Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 68Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 98 page
background image
STM32F100xC, STM32F100xD, STM32F100xE
Electrical characteristics
Doc ID 15081 Rev 7
65/98
Figure 22.
Synchronous non-multiplexed PSRAM write timings
Table 37.
Synchronous non-multiplexed PSRAM write timings(1)(2)
1.
CL = 15 pF.
2.
Preliminary values.
Symbol
Parameter
Min
Max
Unit
tw(CLK)
FSMC_CLK period
27.7
ns
td(CLKL-NExL)
FSMC_CLK low to FSMC_NEx low (x = 0...2)
2
ns
td(CLKL-NExH)
FSMC_CLK low to FSMC_NEx high (x = 0...2)
2
ns
td(CLKL-NADVL)
FSMC_CLK low to FSMC_NADV low
4
ns
td(CLKL-NADVH)
FSMC_CLK low to FSMC_NADV high
5
ns
td(CLKL-AV)
FSMC_CLK low to FSMC_Ax valid (x = 16...25)
0
ns
td(CLKL-AIV)
FSMC_CLK low to FSMC_Ax invalid (x = 16...25)
2
ns
td(CLKL-NWEL)
FSMC_CLK low to FSMC_NWE low
1
ns
td(CLKL-NWEH)
FSMC_CLK low to FSMC_NWE high
1
ns
td(CLKL-Data)
FSMC_D[15:0] valid data after FSMC_CLK low
6
ns
tsu(NWAITV-CLKH)
FSMC_NWAIT valid before FSMC_CLK high
7
ns
th(CLKH-NWAITV)
FSMC_NWAIT valid after FSMC_CLK high
2
ns
td(CLKL-NBLH)
FSMC_CLK low to FSMC_NBL high
1
ns
)60&B&/.
)60&B1([
)60&B$>@
)60&B1:(
)60&B'>@
'
'
)60&B1:$,7
:$,7&)* E:$,732/ E
WZ &/.
WZ &/.
'DWDODWHQF\ 
%867851 
WG &/./1([/
WG &/./1([+
WG &/./$9
WG &/./$,9
WG &/./1:(+
WG &/./1:(/
WG &/./'DWD
WVX 1:$,79&/.+
WK &/.+1:$,79
DLL
)60&B1$'9
WG &/./1$'9/
WG &/./1$'9+
WG &/./'DWD
)60&B1%/
WG &/./1%/+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com