Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F100VCT7BTR Datasheet(PDF) 44 Page - STMicroelectronics

Part # STM32F100VCT7BTR
Description  High-density value line, advanced ARM-based 32-bit MCU
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100VCT7BTR Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STM32F100VCT7BTR Datasheet HTML 40Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 41Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 42Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 43Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 44Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 45Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 46Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 47Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 98 page
background image
Electrical characteristics
STM32F100xC, STM32F100xD, STM32F100xE
44/98
Doc ID 15081 Rev 7
Table 17.
Typical current consumption in Run mode, code with data processing
running from Flash
Symbol Parameter
Conditions
fHCLK
Typical values(1)
1.
Typical values are measures at TA = 25 °C, VDD = 3.3 V.
Unit
All peripherals
enabled(2)
2.
Add an additional power consumption of 0.8 mA for the ADC and of 0.5 mA for the DAC analog part. In
applications, this consumption occurs only while the ADC is on (ADON bit is set in the ADC_CR2 register).
All peripherals
disabled
IDD
Supply
current in
Run mode
Running on high-speed
external clock with an
8 MHz crystal(3)
3.
An 8 MHz crystal is used as the external clock source. The AHB prescaler is used to reduce the frequency
when fHCLK < 8 MHz, the PLL is used when fHCLK > 8 MHz.
24 MHz
14.1
9.5
mA
16 MHz
10
6.85
8 MHz
5.8
4.05
4 MHz
3.6
2.65
2 MHz
2.3
1.85
1 MHz
1.7
1.46
500 kHz
1.4
1.3
125 kHz
1.15
1.1
Running on high-speed
internal RC (HSI)
24 MHz
13.4
8.7
16 MHz
9.3
6.2
8 MHz
5.2
3.45
4 MHz
2.95
2.1
2 MHz
1.7
1.3
1 MHz
1.1
0.9
500 kHz
0.8
0.7
125 kHz
0.6
0.55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com