Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F100VCT7BTR Datasheet(PDF) 30 Page - STMicroelectronics

Part # STM32F100VCT7BTR
Description  High-density value line, advanced ARM-based 32-bit MCU
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100VCT7BTR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM32F100VCT7BTR Datasheet HTML 26Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 27Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 28Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 29Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 30Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 31Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 32Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 33Page - STMicroelectronics STM32F100VCT7BTR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 98 page
background image
Pinouts and pin descriptions
STM32F100xC, STM32F100xD, STM32F100xE
30/98
Doc ID 15081 Rev 7
2.
FT = 5 V tolerant.
3.
Function availability depends on the chosen device.
4.
If several peripherals share the same I/O pin, to avoid conflict between these alternate functions only one
peripheral should be enabled at a time through the peripheral clock enable bit (in the corresponding RCC
peripheral clock enable register).
5.
PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited
amount of current (3 mA), the use of GPIOs PC13 to PC15 in output mode is limited: the speed should not
exceed 2 MHz with a maximum load of 30 pF and these IOs must not be used as a current source (e.g. to
drive an LED).
6.
Main function after the first backup domain power-up. Later on, it depends on the contents of the Backup
registers even after reset (because these registers are not reset by the main reset). For details on how to
manage these IOs, refer to the Battery backup domain and BKP register description sections in the
STM32F100xx reference manual, available from the STMicroelectronics website: www.st.com.
7.
For the LQFP64 package, the pins number 5 and 6 are configured as OSC_IN/OSC_OUT after reset,
however the functionality of PD0 and PD1 can be remapped by software on these pins. For the LQFP100
and LQFP144 packages, PD0 and PD1 are available by default, so there is no need for remapping. For
more details, refer to Alternate function I/O and debug configuration section in the STM32F100xx
reference manual.
8.
This alternate function can be remapped by software to some other port pins (if available on the used
package). For more details, refer to the Alternate function I/O and debug configuration section in the
STM32F100xx reference manual, available from the STMicroelectronics website: www.st.com.
9.
For devices delivered in LQFP64 packages, the FSMC function is not available.
Table 5.
FSMC pin definition
Pins
FSMC
LQFP100(1)
NOR/PSRAM/SRAM
NOR/PSRAM Mux
PE2
A23
A23
Yes
PE3
A19
A19
Yes
PE4
A20
A20
Yes
PE5
A21
A21
Yes
PE6
A22
A22
Yes
PF0
A0
-
PF1
A1
-
PF2
A2
-
PF3
A3
-
PF4
A4
-
PF5
A5
-
PF6
-
PF7
-
PF8
-
PF9
-
PF10
-
PF11
-
PF12
A6
-
PF13
A7
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com