Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ32MC204HMM Datasheet(PDF) 48 Page - Microchip Technology

Part # DSPIC33FJ32MC204HMM
Description  16-BIT DIGITAL SIGNAL CFONTROLLERS WITH MOTOR CONTROL PWM AND ADVANCED ANALOG
PDF  460 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32MC204HMM Datasheet(HTML) 48 Page - Microchip Technology

Back Button DSPIC33FJ32MC204HMM Datasheet HTML 44Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 45Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 46Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 47Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 48Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 49Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 50Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 51Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 460 page
background image
TABLE 4-9:
2-OUTPUT PWM2 REGISTER MAP
SFR Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
P2TCON
05C0
PTEN
—PTSIDL
—
—
—
—
—
PTOPS<3:0>
PTCKPS<1:0>
PTMOD<1:0>
0000
P2TMR
05C2
PTDIR
PWM Timer Count Value Register
0000
P2TPER
05C4
—
PWM Time Base Period Register
0000
P2SECMP
05C6
SEVTDIR
PWM Special Event Compare Register
0000
PWM2CON1
05C8
—
—
—
—
—
—
—PMOD1
—
—
—
PEN1H
—
—
—PEN1L
00FF
PWM2CON2
05CA
—
—
—
—
SEVOPS<3:0>
—
—
—
—
—
IUE
OSYNC
UDIS
0000
P2DTCON1
05CC
DTBPS<1:0>
DTB<5:0>
DTAPS<1:0>
DTA<5:0>
0000
P2DTCON2
05CE
—
—
—
—
—
—
—
—
—
—
—
—
—
—DTS1A
DTS1I
0000
P2FLTACON
05D0
—
—
—
—
—
—
FAOV1H
FAOV1L
FLTAM
—
—
—
—
—
—
FAEN1
0000
P2OVDCON
05D4
—
—
—
—
—
—
POVD1H POVD1L
—
—
—
—
—
—
POUT1H POUT1L
FF00
P2DC1
05D6
PWM Duty Cycle #1 Register
0000
Legend:
— = unimplemented, read as ‘0’
TABLE 4-10:
QEI1 REGISTER MAP
SFR
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
QEI1CON
01E0
CNTERR
—
QEISIDL
INDX
UPDN
QEIM<2:0>
SWPAB
PCDOUT
TQGATE
TQCKPS<1:0>
POSRES
TQCS
UPDN_SRC
0000
DFLT1CON
01E2
—
—
—
—
—
IMV<1:0>
CEID
QEOUT
QECK<2:0>
—
—
—
—
0000
POS1CNT
01E4
Position Counter<15:0>
0000
MAX1CNT
01E6
Maximum Count<15:0>
FFFF
Legend:
— = unimplemented, read as ‘0’
TABLE 4-11:
QEI2 REGISTER MAP
SFR
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
QEI2CON
01F0
CNTERR
—
QEISIDL
INDX
UPDN
QEIM<2:0>
SWPAB
PCDOUT
TQGATE
TQCKPS<1:0>
POSRES
TQCS
UPDN_SRC
0000
DFLT2CON
01F2
—
—
—
—
—
IMV<1:0>
CEID
QEOUT
QECK<2:0>
—
—
—
—
0000
POS2CNT
01F4
Position Counter<15:0>
0000
MAX2CNT
01F6
Maximum Count<15:0>
FFFF
Legend:
— = unimplemented, read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com