Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ32MC204HMM Datasheet(PDF) 1 Page - Microchip Technology

Part # DSPIC33FJ32MC204HMM
Description  16-BIT DIGITAL SIGNAL CFONTROLLERS WITH MOTOR CONTROL PWM AND ADVANCED ANALOG
PDF  460 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32MC204HMM Datasheet(HTML) 1 Page - Microchip Technology

  DSPIC33FJ32MC204HMM Datasheet HTML 1Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 2Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 3Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 4Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 5Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 6Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 7Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 8Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 460 page
background image
© 2007-2012 Microchip Technology Inc.
DS70291G-page 1
dsPIC33FJ32MC302/304,
dsPIC33FJ64MCX02/X04 and
dsPIC33FJ128MCX02/X04
Operating Conditions
• 3.0V to 3.6V, -40ºC to +150ºC, DC to 20 MIPS
• 3.0V to 3.6V, -40ºC to +125ºC, DC to 40 MIPS
Clock Management
• 2% internal oscillator
• Programmable PLL and oscillator clock sources
• Fail-Safe Clock Monitor (FSCM)
• Independent Watchdog Timer
• Low-power management modes
• Fast wake-up and start-up
Core Performance
• Up to 40 MIPS 16-bit dsPIC33F CPU
• Two 40 bit wide accumulators
• Single-cycle (MAC/MPY) with dual data fetch
• Single-cycle MUL plus hardware divide
Motor Control PWM
• Up to four PWM generators with eight outputs
• Dead Time for rising and falling edges
• 25 ns PWM resolution
• PWM support for Motor Control: BLDC, PMSM, ACIM,
and SRM
• Programmable Fault inputs
• Flexible trigger for ADC conversions and configurations
Advanced Analog Features
• 10/12-bit ADC with 1.1Msps/500 ksps conversion rate:
- Up to nine ADC input channels and four S&H
- Flexible/Independent trigger sources
• 150 ns Comparators:
- Up to two Analog Comparator modules
- 4-bit DAC with two ranges for Analog Comparators
Input/Output
• Software remappable pin functions
• 5V-tolerant pins
• Selectable open drain and internal pull-ups
• Up to 5 mA overvoltage clamp current/pin
• Multiple external interrupts
System Peripherals
• Cyclic Redundancy Check (CRC) module
• 16-bit dual channel 100 ksps Audio DAC
• Up to five 16-bit and up to two 32-bit Timers/Counters
• Up to four Input Capture (IC) modules
• Up to four Output Compare (OC) modules
• Up to two Quadrature Encoder Interface (QEI) modules
• Real-Time Clock and Calendar (RTCC) module
Communication Interfaces
• Parallel Master Port (PMP)
• Two UART modules (10 Mbps)
- Supports LIN 2.0 protocols
- RS-232, RS-485, and IrDA® support
• Two 4-wire SPI modules (15 Mbps)
• Enhanced CAN (ECAN) module (1 Mbaud) with 2.0B
support
•I2C module (100K, 400K and 1Mbaud) with SMbus
support
Direct Memory Access (DMA)
• 8-channel hardware DMA with no CPU stalls or
overhead
• UART, SPI, ADC, ECAN, IC, OC, INT0
Qualification and Class B Support
• AEC-Q100 REVG (Grade 0 -40ºC to +150ºC)
• Class B Safety Library, IEC 60730, VDE certified
Debugger Development Support
• In-circuit and in-application programming
• Two program breakpoints
• Trace and run-time watch
Packages
Type
SPDIP (300 ml)
SOIC
QFN-S
QFN
TQFP
Pin Count
28
28
28
44
44
I/O Pins
21
21
21
35
35
Contact Lead/Pitch
.100”
1.27
0.65
0.65
0.80
Dimensions
.285x.135x1.365”
7.50x2.05x17.9
6x6x0.9
8x8x0.9
10x10x1
Note: All dimensions are in millimeters (mm) unless specified.
16-bit Digital Signal Controllers (up to 128 KB Flash and 16K
SRAM) with Motor Control PWM and Advanced Analog


Similar Part No. - DSPIC33FJ32MC204HMM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJ32MC204 MICROCHIP-DSPIC33FJ32MC204 Datasheet
4Mb / 292P
High-Performance, 16-bit Microcontrollers
2007
DSPIC33FJ32MC204 MICROCHIP-DSPIC33FJ32MC204 Datasheet
5Mb / 330P
16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
11/29/11
DSPIC33FJ32MC204 MICROCHIP-DSPIC33FJ32MC204 Datasheet
2Mb / 320P
High-Performance, 16-bit Digital Signal Controllers
08/04/10
DSPIC33FJ32MC204 MICROCHIP-DSPIC33FJ32MC204 Datasheet
2Mb / 320P
High-Performance, 16-bit Digital Signal Controllers
08/04/10
DSPIC33FJ32MC204T-I MICROCHIP-DSPIC33FJ32MC204T-I Datasheet
2Mb / 320P
High-Performance, 16-bit Digital Signal Controllers
08/04/10
More results

Similar Description - DSPIC33FJ32MC204HMM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24EP32GP202 MICROCHIP-PIC24EP32GP202 Datasheet
5Mb / 526P
16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, Op Amps and Advanced Analog
11/29/12 2011-2013
DSPIC33EP512MU814-IPL MICROCHIP-DSPIC33EP512MU814-IPL Datasheet
4Mb / 623P
16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, USB and Advanced Analog
11/29/11
DSPIC33FJ128MC706A-HPT MICROCHIP-DSPIC33FJ128MC706A-HPT Datasheet
2Mb / 374P
16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Motor Control and Advanced Analog
11/29/11
DSPIC33FJ32MC204T-IPT MICROCHIP-DSPIC33FJ32MC204T-IPT Datasheet
5Mb / 330P
16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
11/29/11
DSPIC33EP256MU806 MICROCHIP-DSPIC33EP256MU806 Datasheet
5Mb / 622P
16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, USB and Advanced Analog
11/29/11
DSPIC33FJXXXMCX06A MICROCHIP-DSPIC33FJXXXMCX06A_13 Datasheet
2Mb / 374P
16-bit Digital Signal Controllers up to 256 KB Flash and30 KB SRAM with Motor Control and Advanced Analog
11/29/11
DSPIC33FJ64MC204-I MICROCHIP-DSPIC33FJ64MC204-I Datasheet
6Mb / 460P
16-bit Digital Signal Controllers (up to 128 KB Flash and 16K SRAM) with Motor Control PWM and Advanced Analog
11/29/11
logo
Electronic Film Capacit...
PIC24EP256GU810-I EFC-PIC24EP256GU810-I Datasheet
5Mb / 622P
16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, USB and Advanced Analog
logo
Microchip Technology
DSPIC33FJ256MC710A-I MICROCHIP-DSPIC33FJ256MC710A-I Datasheet
2Mb / 374P
16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Motor Control and Advanced Analog
11/29/11
DSPIC33EVXXXGM00X MICROCHIP-DSPIC33EVXXXGM00X Datasheet
5Mb / 506P
16-Bit, 5V Digital Signal Controllers with PWM, SENT, Op Amps and Advanced Analog Features
08/15/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com