Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ32MC204HMM Datasheet(PDF) 91 Page - Microchip Technology

Part # DSPIC33FJ32MC204HMM
Description  16-BIT DIGITAL SIGNAL CFONTROLLERS WITH MOTOR CONTROL PWM AND ADVANCED ANALOG
PDF  460 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32MC204HMM Datasheet(HTML) 91 Page - Microchip Technology

Back Button DSPIC33FJ32MC204HMM Datasheet HTML 87Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 88Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 89Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 90Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 91Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 92Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 93Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 94Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 460 page
background image
© 2007-2012 Microchip Technology Inc.
DS70291G-page 91
dsPIC33FJ32MC302/304, dsPIC33FJ64MCX02/X04 AND dsPIC33FJ128MCX02/X04
TABLE 7-1:
INTERRUPT VECTORS
Vector
Number
IVT Address
AIVT Address
Interrupt Source
0
0x000004
0x000104
Reserved
1
0x000006
0x000106
Oscillator Failure
2
0x000008
0x000108
Address Error
3
0x00000A
0x00010A
Stack Error
4
0x00000C
0x00010C
Math Error
5
0x00000E
0x00010E
DMA Error
6-7
0x000010-0x000012
0x000110-0x000112 Reserved
8
0x000014
0x000114
INT0 – External Interrupt 0
9
0x000016
0x000116
IC1 – Input Capture 1
10
0x000018
0x000118
OC1 – Output Compare 1
11
0x00001A
0x00011A
T1 – Timer1
12
0x00001C
0x00011C
DMA0 – DMA Channel 0
13
0x00001E
0x00011E
IC2 – Input Capture 2
14
0x000020
0x000120
OC2 – Output Compare 2
15
0x000022
0x000122
T2 – Timer2
16
0x000024
0x000124
T3 – Timer3
17
0x000026
0x000126
SPI1E – SPI1 Error
18
0x000028
0x000128
SPI1 – SPI1 Transfer Done
19
0x00002A
0x00012A
U1RX – UART1 Receiver
20
0x00002C
0x00012C
U1TX – UART1 Transmitter
21
0x00002E
0x00012E
ADC1 – ADC 1
22
0x000030
0x000130
DMA1 – DMA Channel 1
23
0x000032
0x000132
Reserved
24
0x000034
0x000134
SI2C1 – I2C1 Slave Events
25
0x000036
0x000136
MI2C1 – I2C1 Master Events
26
0x000038
0x000138
CM – Comparator Interrupt
27
0x00003A
0x00013A
Change Notification Interrupt
28
0x00003C
0x00013C
INT1 – External Interrupt 1
29
0x00003E
0x00013E
Reserved
30
0x000040
0x000140
IC7 – Input Capture 7
31
0x000042
0x000142
IC8 – Input Capture 8
32
0x000044
0x000144
DMA2 – DMA Channel 2
33
0x000046
0x000146
OC3 – Output Compare 3
34
0x000048
0x000148
OC4 – Output Compare 4
35
0x00004A
0x00014A
T4 – Timer4
36
0x00004C
0x00014C
T5 – Timer5
37
0x00004E
0x00014E
INT2 – External Interrupt 2
38
0x000050
0x000150
U2RX – UART2 Receiver
39
0x000052
0x000152
U2TX – UART2 Transmitter
40
0x000054
0x000154
SPI2E – SPI2 Error
41
0x000056
0x000156
SPI2 – SPI2 Transfer Done
42
0x000058
0x000158
C1RX – ECAN1 RX Data Ready
43
0x00005A
0x00015A
C1 – ECAN1 Event
44
0x00005C
0x00015C
DMA3 – DMA Channel 3
45-52
0x00005E-0x00006C 0x00015E-0x00016C Reserved
53
0x00006E
0x00016E
PMP – Parallel Master Port
54
0x000070
0x000170
DMA – DMA Channel 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com