Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ32MC204HMM Datasheet(PDF) 143 Page - Microchip Technology

Part # DSPIC33FJ32MC204HMM
Description  16-BIT DIGITAL SIGNAL CFONTROLLERS WITH MOTOR CONTROL PWM AND ADVANCED ANALOG
PDF  460 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32MC204HMM Datasheet(HTML) 143 Page - Microchip Technology

Back Button DSPIC33FJ32MC204HMM Datasheet HTML 139Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 140Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 141Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 142Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 143Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 144Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 145Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 146Page - Microchip Technology DSPIC33FJ32MC204HMM Datasheet HTML 147Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 460 page
background image
© 2007-2012 Microchip Technology Inc.
DS70291G-page 143
dsPIC33FJ32MC302/304, dsPIC33FJ64MCX02/X04 AND dsPIC33FJ128MCX02/X04
9.0
OSCILLATOR CONFIGURATION
The dsPIC33FJ32MC302/304, dsPIC33FJ64MCX02/
X04 and dsPIC33FJ128MCX02/X04 oscillator system
provides:
• External and internal oscillator options as clock
sources
• An on-chip Phase-Locked Loop (PLL) to scale the
internal operating frequency to the required
system clock frequency
• An internal FRC oscillator that can also be used
with the PLL, thereby allowing full-speed
operation without any external clock generation
hardware
• Clock switching between various clock sources
• Programmable clock postscaler for system power
savings
• A Fail-Safe Clock Monitor (FSCM) that detects
clock failure and takes fail-safe measures
• An Oscillator Control register (OSCCON)
• Non-volatile Configuration bits for main oscillator
selection
• An auxiliary crystal oscillator for audio DAC
A simplified diagram of the oscillator system is shown
in Figure 9-1.
FIGURE 9-1:
OSCILLATOR SYSTEM DIAGRAM
Note 1: This data sheet summarizes the features
of
the
dsPIC33FJ32MC302/304,
dsPIC33FJ64MCX02/X04
and
dsPIC33FJ128MCX02/X04
family
of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to Section 39. “Oscillator
(Part III)” (DS70216) of the “dsPIC33F/
PIC24H Family Reference Manual”,
which is available from the Microchip web
site (www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.
Note 1:
See Figure 9-2 for PLL details.
2:
If the Oscillator is used with XT or HS modes, an external parallel resistor with the value of 1 M
Ω must be connected.
3:
The term FP refers to the clock source for all the peripherals, while FCY refers to the clock source for the CPU. Throughout this
document FCY and FP are used interchangeably, except in the case of Doze mode. FP and FCY will be different when Doze mode
is used in any ratio other than 1:1, which is the default.
Secondary Oscillator
LPOSCEN
SOSCO
SOSCI
Timer1
XTPLL, HSPLL,
XT, HS, EC
FRCDIV<2:0>
PWRT,
FSCM
FRCDIVN
SOSC
FRCDIV16
ECPLL, FRCPLL
NOSC<2:0>
FNOSC<2:0>
Reset
FRC
Oscillator
LPRC
Oscillator
DOZE<2:0>
S3
S1
S2
S1/S3
S7
S6
FRC
LPRC
S0
S5
S4
÷16
Clock Switch
S7
Clock Fail
÷ 2
TUN<5:0>
PLL
FCY(3)
FOSC
÷N
ACLK
POSCCLK
Auxiliary Oscillator
SELACK
APSTSCLR<2:0>
DAC
FOSC(1)
AOSCCLK
AOSCMD<1:0>
ASRCSEL
FOSC(1)
POSCCLK
OSC2
OSC1
Primary Oscillator
R(2)
POSCMD<1:0>
FP(3)
WDT,
3.5 MHz
≤AUX_OSC_FIN ≤10 MHz
1
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com