| Electronic Components Datasheet Search |
|
DSPIC33FJ32MC204HMM Datasheet(PDF) 167 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ32MC204HMM Datasheet(HTML) 167 Page - Microchip Technology |
|
167 / 460 page ![]() © 2007-2012 Microchip Technology Inc. DS70291G-page 167 dsPIC33FJ32MC302/304, dsPIC33FJ64MCX02/X04 AND dsPIC33FJ128MCX02/X04 11.6.2.2 Output Mapping In contrast to inputs, the outputs of the peripheral pin select options are mapped on the basis of the pin. In this case, a control register associated with a particular pin dictates the peripheral output to be mapped. The RPORx registers are used to control output mapping. Like the RPINRx registers, each register contains sets of 5-bit fields, with each set associated with one RPn pin (see Register 11-21 through Register 11-33). The value of the bit field corresponds to one of the peripherals, and that peripheral’s output is mapped to the pin (see Table 11-2 and Figure 11-3). The list of peripherals for output mapping also includes a null value of ‘00000’ because of the mapping technique. This permits any given pin to remain unconnected from the output of any of the pin selectable peripherals. FIGURE 11-3: MULTIPLEXING OF REMAPPABLE OUTPUT FOR RPn TABLE 11-2: OUTPUT SELECTION FOR REMAPPABLE PIN (RPn) 0 27 3 RPnR<4:0> default U1TX Output enable U1RTS Output enable 4 UPDN2 Output enable 0 27 3 default U1TX Output U1RTS Output 4 UPDN2 Output Output Enable Output Data RPn Function RPnR<4:0> Output Name NULL 00000 RPn tied to default port pin C1OUT 00001 RPn tied to Comparator1 Output C2OUT 00010 RPn tied to Comparator2 Output U1TX 00011 RPn tied to UART1 Transmit U1RTS 00100 RPn tied to UART1 Ready To Send U2TX 00101 RPn tied to UART2 Transmit U2RTS 00110 RPn tied to UART2 Ready To Send SDO1 00111 RPn tied to SPI1 Data Output SCK1 01000 RPn tied to SPI1 Clock Output SS1 01001 RPn tied to SPI1 Slave Select Output SDO2 01010 RPn tied to SPI2 Data Output SCK2 01011 RPn tied to SPI2 Clock Output SS2 01100 RPn tied to SPI2 Slave Select Output C1TX 10000 RPn tied to ECAN1 Transmit OC1 10010 RPn tied to Output Compare 1 OC2 10011 RPn tied to Output Compare 2 OC3 10100 RPn tied to Output Compare 3 OC4 10101 RPn tied to Output Compare 4 UPDN1 11010 RPn tied to QEI1 direction (UPDN) status UPDN2 11011 RPn tied to QEI2 direction (UPDN) status |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |