Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ256MC710IPFES Datasheet(PDF) 20 Page - Microchip Technology

Part # DSPIC33FJ256MC710IPFES
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256MC710IPFES Datasheet(HTML) 20 Page - Microchip Technology

Back Button DSPIC33FJ256MC710IPFES Datasheet HTML 16Page - Microchip Technology DSPIC33FJ256MC710IPFES Datasheet HTML 17Page - Microchip Technology DSPIC33FJ256MC710IPFES Datasheet HTML 18Page - Microchip Technology DSPIC33FJ256MC710IPFES Datasheet HTML 19Page - Microchip Technology DSPIC33FJ256MC710IPFES Datasheet HTML 20Page - Microchip Technology DSPIC33FJ256MC710IPFES Datasheet HTML 21Page - Microchip Technology DSPIC33FJ256MC710IPFES Datasheet HTML 22Page - Microchip Technology DSPIC33FJ256MC710IPFES Datasheet HTML 23Page - Microchip Technology DSPIC33FJ256MC710IPFES Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 90 page
background image
dsPIC33F
DS70155C-page 18
Preliminary
© 2005 Microchip Technology Inc.
5.1
Interrupt Priority
Each interrupt source can be user-assigned to one of
8 priority levels, 0 through 7. Levels 7 and 1 represent
the
highest
and
lowest
maskable
priorities,
respectively. A priority level of 0 disables the interrupt.
Since more than one interrupt request source may be
assigned to a user-specified priority level, a means is
provided to assign priority within a given level. This
method is called “Natural Order Priority”.
The Natural Order Priority of an interrupt is numerically
identical to its vector number. The Natural Order
Priority scheme has 0 as the highest priority and 74 as
the lowest priority.
The ability for the user to assign every interrupt to one
of eight priority levels implies that the user can assign
a very high overall priority level to an interrupt with a
low Natural Order Priority, thereby providing much
flexibility in designing applications that use a large
number of peripherals.
5.2
Interrupt Nesting
Interrupts, by default, are nestable. Any ISR that is in
progress may be interrupted by another source of
interrupt with a higher user-assigned priority level.
Interrupt nesting may be optionally disabled by
setting the NSTDIS control bit (INTCON1<15>).
When the NSTDIS control bit is set, all interrupts in
progress will force the CPU priority to level 7 by
setting IPL<2:0> = 111. This action will effectively
mask all other sources of interrupt until a RETFIE
instruction is executed. When interrupt nesting is
disabled, the user-assigned interrupt priority levels
will have no effect, except to resolve conflicts
between simultaneous pending interrupts.
The IPL<2:0> bits become read-only when interrupt
nesting is disabled. This prevents the user software
from setting IPL<2:0> to a lower value, which would
effectively re-enable interrupt nesting.
5.3
Traps
Traps can be considered as non-maskable, nestable
interrupts that adhere to a fixed priority structure.
Traps are intended to provide the user a means to
correct erroneous operation during debug and when
operating within the application. If the user does not
intend to take corrective action in the event of a trap
error condition, these vectors must be loaded with the
address of a software routine that will reset the device.
Otherwise, the trap vector is programmed with the
address of a service routine that will correct the trap
condition.
The dsPIC33F has four implemented sources of
non-maskable traps:
• Oscillator Failure Trap
• Address Error Trap
• Stack Error Trap
• Math Error Trap
•DMA Trap
Many of these trap conditions can only be detected
when they happen. Consequently, the instruction that
caused the trap is allowed to complete before
exception processing begins. Therefore, the user may
have to correct the action of the instruction that
caused the trap.
Each trap source has a fixed priority as defined by its
position in the IVT. An oscillator failure trap has the
highest priority, while an arithmetic error trap has the
lowest priority.
Table 5-2 contains information about the trap vector.
5.4
Generating a Software Interrupt
Any available interrupt can be manually generated by
user software (even if the corresponding peripheral is
disabled), simply by enabling the interrupt and then
setting the interrupt flag bit when required.
TABLE 5-2:
TRAP VECTORS
Vector Number
IVT Address
AIVT Address
Trap Source
0
0x000004
0x000084
Reserved
1
0x000006
0x000086
Oscillator Failure
2
0x000008
0x000088
Address Error
3
0x00000A
0x00008A
Stack Error
4
0x00000C
0x00008C
Math Error
5
0x00000E
0x00008E
DMA Error Trap
6
0x000010
0x000090
Reserved
7
0x000012
0x000092
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com