| Electronic Components Datasheet Search |
|
DSPIC33FJ256MC710IPFES Datasheet(PDF) 31 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ256MC710IPFES Datasheet(HTML) 31 Page - Microchip Technology |
|
31 / 90 page ![]() © 2005 Microchip Technology Inc. Preliminary DS70155C-page 29 dsPIC33F Figure 8-4 is a block diagram of the DCI module. The DCI can support up to 16 time slots in a data frame for a maximum frame size of 256 bits. There are control bits for each time slot in the data frame that determine whether the DCI will transmit/receive during the time slot. The DCI module supports DMA data transfers. FIGURE 8-4: DCI MODULE BLOCK DIAGRAM 8.8 SPI™ Module The Serial Peripheral Interface (SPI) module is a synchronous serial interface for communicating with other peripheral or microcontroller devices such as serial EEPROMs, shift registers, display drivers, A/D Converters, etc. It is compatible with Motorola® SPI and SIOP interfaces. This SPI module includes all SPI modes. A Frame Synchronization mode is also included for support of voice band codecs. Four pins make up the serial interface: SDI, Serial Data Input; SDO, Serial Data Output; SCK, Shift Clock Input or Output; SS, Active-Low Slave Select, which also serves as the FSYNC (Frame Synchronization Pulse). A device set up as an SPI master provides the serial communication clock signal on its SCK pin. A series of 8 or 16 clock pulses (depending on mode) shift out the 8 or 16 bits (depending on whether a byte or word is being transferred) and simultaneously shift in 8 or 16 bits of data from the SDI pin. An interrupt is generated when the transfer is complete. Slave select synchronization allows selective enabling of SPI slave devices, which is particularly useful when a single master is connected to multiple slaves. The SPI1 and SPI2 modules support DMA data transfers. BCG Control Bits Sample Rate Generator CSCKD COFSD DCI Buffer Frame Synchronization Generator Control Unit DCI Shift Register Receive Buffer Registers w/Shadow FOSC/4 Word Size Selection bits Frame Length Selection bits DCI Mode Selection bits CSCK COFS CSDI CSDO 15 0 Transmit Buffer Registers w/Shadow |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |