Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ256MC710IPFES Datasheet(PDF) 55 Page - Microchip Technology

Part # DSPIC33FJ256MC710IPFES
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256MC710IPFES Datasheet(HTML) 55 Page - Microchip Technology

Back Button DSPIC33FJ256MC710IPFES Datasheet HTML 51Page - Microchip Technology DSPIC33FJ256MC710IPFES Datasheet HTML 52Page - Microchip Technology DSPIC33FJ256MC710IPFES Datasheet HTML 53Page - Microchip Technology DSPIC33FJ256MC710IPFES Datasheet HTML 54Page - Microchip Technology DSPIC33FJ256MC710IPFES Datasheet HTML 55Page - Microchip Technology DSPIC33FJ256MC710IPFES Datasheet HTML 56Page - Microchip Technology DSPIC33FJ256MC710IPFES Datasheet HTML 57Page - Microchip Technology DSPIC33FJ256MC710IPFES Datasheet HTML 58Page - Microchip Technology DSPIC33FJ256MC710IPFES Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 90 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70155C-page 53
dsPIC33F
11.9
Noise Suppression Library
The dsPIC DSC Noise Suppression Library provides a
function to suppress the effect of noise interfering with
a speech signal. This function is useful for microphone-
based applications which have a potential for incoming
speech getting corrupted by ambient noise captured by
a microphone. It is especially suitable for systems in
which an acoustically isolated noise reference is not
available, such as:
• Hands-Free Cell Phone Kits
• Speakerphones
•Intercoms
• Teleconferencing Systems
• Headsets
• As a front end to a Speech Recognition or Speech
Encoding system
• Any microphone-based application that needs to
eliminate undesired noise
• Any application that needs to eliminate noise
interference from signals received over a
communication channel
The Noise Suppression Library uses an 8 kHz sampling
rate. However, the library includes sample rate
conversion functions that ensure interoperability with
libraries and speech sampling peripherals configured for
higher sampling rates (9.6 kHz, 11.025 kHz or 12 kHz).
Key features of the Noise Suppression Library include:
• All functions can be called from either a ‘C’ or
assembly application program
• Full compliance with the Microchip C30
C Compiler, Assembler and Linker
• Precompiled library archive files
• Highly optimized assembly code, utilizing DSP
instructions and advanced addressing modes
• Audio Bandwidth: 0-4 kHz at 8 kHz sampling rate
• 10-20 dB noise reduction depending on type of
noise
• “dsPIC30F Noise Suppression Library User’s Guide”
• Demo application source code is provided
• Accessory Kit available for purchase includes:
audio cable, headset, oscillators, microphone,
speaker, DB9 M/F RS-232 cable, DB9M-DB9M
null modem adapter and can be used for library
evaluation
TABLE 11-5:
RESOURCE REQUIREMENTS
11.10 Acoustic Echo Cancellation Library
The
Acoustic
Echo
Cancellation
(AEC)
Library
provides a function to eliminate echo generated in the
acoustic path between a speaker and a microphone.
This function is useful for speech and telephony
applications in which a speaker and a microphone are
located in close proximity to each other and therefore,
susceptible to signals propagating from the speaker to
the
microphone
resulting
in
a
perceptible
and
distracting echo effect at the far end. It is especially
suitable for these applications:
• Hands-Free Cell Phone Kits
• Speakerphones
•Intercoms
• Teleconferencing Systems
For hands-free phones intended to be used in compact
environments, such as a car cabin, this library is fully
compliant with the G.167 standard for Acoustic Echo
Cancellation.
Like the Noise Suppression Library, the Acoustic Echo
Cancellation
Library
also
includes
sample
rate
conversion functions.
Key features of the AEC Library include:
• All functions can be called from either a ‘C’ or
assembly application program
• Full compliance with the Microchip C30
C Compiler, Assembler and Linker
• Precompiled library archive files
• Highly optimized assembly code, utilizing DSP
instructions and advanced addressing modes
• Echo cancellation for 16, 32 or 64 ms echo delay
or ‘tail length’ (configurable)
• Fully tested for compliance with G.167
specifications for in-car applications
• Audio Bandwidth: 0-4 kHz at 8 kHz sampling rate
• Convergence Rate: up to 43 dB/sec.,
typically > 30 dB/sec.
• Echo Cancellation: Up to 50 dB, typically > 40 dB
• “dsPIC30F Acoustic Echo Cancellation Library
User’s Guide”
• Demo application source code is provided
• Accessory Kit available for purchase
TABLE 11-6:
RESOURCE REQUIREMENTS
Algorithm
MIPS
Flash
RAM
Noise Suppression
3.3
7 KB
1 KB
Sample Rate Conversion
1.0
2.6 KB
0.5 KB
Note:
The user application might require an
additional 1 KB-1.5 KB for data buffering
(application-dependent).
Algorithm
MIPS
Flash
RAM
AEC – 64 ms Echo Tail
16.5
6 KB
5.7 KB
AEC – 32 ms Echo Tail
10.5
6 KB
3.4 KB
AEC – 16 ms Echo Tail
7.5
6 KB
2.6 KB
Sample Rate Conversion
1.0
2.6 KB
0.5 KB
Note:
The user application might require an
additional 2 KB-2.5 KB for data buffering
(application-dependent).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com