Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1459-ESSQTP Datasheet(PDF) 28 Page - Microchip Technology

Part # PIC16F1459-ESSQTP
Description  14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1459-ESSQTP Datasheet(HTML) 28 Page - Microchip Technology

Back Button PIC16F1459-ESSQTP Datasheet HTML 24Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 25Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 26Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 27Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 28Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 29Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 30Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 31Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 418 page
background image
PIC16(L)F1454/5/9
DS41639A-page 28
Preliminary
 2012 Microchip Technology Inc.
3.3.1
SPECIAL FUNCTION REGISTER
The Special Function Registers are registers used by
the application to control the desired operation of
peripheral functions in the device. The Special Function
Registers occupy the 20 bytes after the core registers of
every data memory bank (addresses x0Ch/x8Ch
through x1Fh/x9Fh). The registers associated with the
operation of the peripherals are described in the appro-
priate peripheral chapter of this data sheet.
3.3.2
GENERAL PURPOSE RAM
There are up to 80 bytes of GPR in each data memory
bank. The Special Function Registers occupy the 20
bytes after the core registers of every data memory
bank (addresses x0Ch/x8Ch through x1Fh/x9Fh).
3.3.2.1
Linear Access to GPR
The general purpose RAM can be accessed in a
non-banked method via the FSRs. This can simplify
access to large memory structures. See Section 3.6.2
“Linear Data Memory” for more information.
Refer to Table 3-3 for Dual Port and USB addressing
information.
3.3.3
DUAL-PORT RAM
Part of the data memory is mapped to a special dual
access RAM. When the USB module is disabled, the
GPRs in these banks are used like any other GPR in
the data memory space.
When the USB module is enabled, the memory in these
banks is allocated as buffer RAM for USB operation.
This area is shared between the microcontroller core
and the USB Serial Interface Engine (SIE) and is used
to transfer data directly between the two.
It is theoretically possible to use the areas of USB RAM
that are not allocated as USB buffers for normal
scratchpad memory or other variable storage. In practice,
the dynamic nature of buffer allocation makes this risky at
best. Additional information on USB RAM and buffer
operation is provided in Section 26.0 “Universal Serial
Bus (USB)”.
3.3.4
COMMON RAM
There are 16 bytes of common RAM accessible from all
banks.
TABLE 3-3:
DUAL PORT RAM ADDRESSING
Port 0
Port 1
CPU Banked Address
CPU Linear Address
USB Banked Address
USB Linear Address
020 - 06F
2000 - 204F
020 - 06F
2000 - 204F
0A0 - 0EF
2050 - 209F
0A0 - 0EF
2050 - 209F
120 - 16F
20A0 - 20EF
120 - 16F
20A0 - 20EF
1A0 - 1EF
20F0 - 213F
1A0 - 1EF
20F0 - 213F
220 - 26F
2140 - 218F
220 - 26F
2140 - 218F
2A0 - 2EF
2190 - 21DF
2A0 - 2EF
2190 - 21DF
320 - 32F
21E0 - 21EF
320 - 32F
21E0 - 21EF
370 - 37F
(1)
370 - 37F
(1)
Note 1:
Accessible from banked memory only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com