Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1459-ESSQTP Datasheet(PDF) 74 Page - Microchip Technology

Part # PIC16F1459-ESSQTP
Description  14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1459-ESSQTP Datasheet(HTML) 74 Page - Microchip Technology

Back Button PIC16F1459-ESSQTP Datasheet HTML 70Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 71Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 72Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 73Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 74Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 75Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 76Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 77Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 418 page
background image
PIC16(L)F1454/5/9
DS41639A-page 74
Preliminary
 2012 Microchip Technology Inc.
5.8.5
ACTIVE CLOCK TUNING UPDATE
DISABLE
When the ACT is enabled, the OSCTUNE register is
continuously updated every ACT_clk period. Setting
the ACT Update Disable bit can be used to suspend
updates to the OSCTUNE register, without disabling
the ACT. If the 16 MHz internal oscillator drifts out of the
accuracy range, the ACT Status bits will change and an
interrupt can be generated to notify the application.
Clearing the ACTUD bit will engage the ACT updates
to OSCTUNE and an interrupt can be generated to
notify the application.
5.8.6
INTERRUPTS
The ACT will set the ACT Interrupt Flag, (ACTIF) when
either of the ACT Status bits (ACTLOCK or ACTORS)
change state, regardless if the interrupt is enabled,
(ACTIE = 1). The ACTIF and ACTIE bits are in the PIRx
and PIEx registers, respectively. When ACTIE = 1, an
interrupt will be generated whenever the ACT Status
bits change.
The ACTIF bit must be cleared in software, regardless
of the interrupt enable setting.
5.8.7
OPERATION DURING SLEEP
This ACT does not run during Sleep and will not gener-
ate interrupts during Sleep.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com