Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1459-ESSQTP Datasheet(PDF) 58 Page - Microchip Technology

Part # PIC16F1459-ESSQTP
Description  14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1459-ESSQTP Datasheet(HTML) 58 Page - Microchip Technology

Back Button PIC16F1459-ESSQTP Datasheet HTML 54Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 55Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 56Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 57Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 58Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 59Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 60Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 61Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 418 page
background image
PIC16(L)F1454/5/9
DS41639A-page 58
Preliminary
 2012 Microchip Technology Inc.
FIGURE 5-1:
SIMPLIFIED PIC® MCU CLOCK SOURCE BLOCK DIAGRAM
Primary
Oscillator
(OSC)
Secondary
Oscillator
(SOSC)
16 MHz
8 MHz
4 MHz
2 MHz
1 MHz
500 kHz
250 kHz
125 kHz
62.5 kHz
31.25 kHz
31 kHz
to WDT, PWRT
and other Modules
Clock
Control
SCS<1:0>
FOSC<2:0>
CLKIN/ OSC1/
SOSCI/ T1CKI
CLKOUT / OSC2
SOSCO/ T1G
Primary Clock
Secondary Clock
INTOSC
IRCF<3:0>
Start-up
Control Logic
16 MHz
Internal OSC
31 kHz
Source
Start-Up
OSC
3
4
3x/4x PLL
FOSC<2:0>
3
LFINTOSC
HFINTOSC
2
SPLLEN
PLLEN
Active Clock
Tuning
SOSC_clk
Sleep
PLLMULT
INTOSC
(16 or 8 MHz)
LFINTOSC
SPLLMULT
FOSC
to
CPU and
Peripherals
CPU
Divider
CPUDIV<1:0>
USBLSCLK
USB
Divider
1
0
USB
Clock
Source
1
0
FSEN
48 MHz
6 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com