Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1459-ESSQTP Datasheet(PDF) 336 Page - Microchip Technology

Part # PIC16F1459-ESSQTP
Description  14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1459-ESSQTP Datasheet(HTML) 336 Page - Microchip Technology

Back Button PIC16F1459-ESSQTP Datasheet HTML 332Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 333Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 334Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 335Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 336Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 337Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 338Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 339Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 340Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 418 page
background image
PIC16(L)F1454/5/9
DS41639A-page 336
Preliminary
 2012 Microchip Technology Inc.
TABLE 26-4:
REGISTERS ASSOCIATED WITH USB MODULE OPERATION(1)
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Details on
Page:
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
96
PIR2
OSFIF
C2IF
C1IF
—
BCL1IF
USBIF
ACTIF
—
100
PIE2
OSFIE
C2IE
C1IE
—
BCL1IE
USBIE
ACTIE
—
98
UCON
—
PPBRST
SE0
PKTDIS
USBEN
RESUME
SUSPND
—
326
UCFG
UTEYE
Reserved
—
UPUEN
Reserved
FSEN
PPB<1:0>
327
USTAT
—
ENDP<3:0>
DIR
PPBI
—
328
UADDR
—
ADDR6
ADDR5
ADDR4
ADDR3
ADDR2
ADDR1
ADDR0
312
UFRML
FRM7
FRM6
FRM5
FRM4
FRM3
FRM2
FRM1
FRM0
312*
UFRMH
—
—
—
—
—
FRM10
FRM9
FRM8
312*
UIR
—
SOFIF
STALLIF
IDLEIF
TRNIF
ACTVIF
UERRIF
URSTIF
332
UIE
—
SOFIE
STALLIE
IDLEIE
TRNIE
ACTVIE
UERRIE
URSTIE
333
UEIR
BTSEF
—
—
BTOEF
DFN8EF
CRC16EF
CRC5EF
PIDEF
334
UEIE
BTSEE
—
—
BTOEE
DFN8EE
CRC16EE
CRC5EE
PIDEE
335
UEP0
—
—
—
EPHSHK
EPCONDIS EPOUTEN
EPINEN
EPSTALL
329
UEP1
—
—
—
EPHSHK
EPCONDIS EPOUTEN
EPINEN
EPSTALL
329
UEP2
—
—
—
EPHSHK
EPCONDIS EPOUTEN
EPINEN
EPSTALL
329
UEP3
—
—
—
EPHSHK
EPCONDIS EPOUTEN
EPINEN
EPSTALL
329
UEP4
—
—
—
EPHSHK
EPCONDIS EPOUTEN
EPINEN
EPSTALL
329
UEP5
—
—
—
EPHSHK
EPCONDIS EPOUTEN
EPINEN
EPSTALL
329
UEP6
—
—
—
EPHSHK
EPCONDIS EPOUTEN
EPINEN
EPSTALL
329
UEP7
—
—
—
EPHSHK
EPCONDIS EPOUTEN
EPINEN
EPSTALL
329
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used by the USB module.
*
Page provides register information.
Note 1:
This table includes only those hardware mapped SFRs located in Bank 15 of the data memory space. The Buffer
Descriptor registers, which are mapped into Bank 4 and are not true SFRs, are listed separately in Table 26-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com