Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1459-ESSQTP Datasheet(PDF) 355 Page - Microchip Technology

Part # PIC16F1459-ESSQTP
Description  14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1459-ESSQTP Datasheet(HTML) 355 Page - Microchip Technology

Back Button PIC16F1459-ESSQTP Datasheet HTML 351Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 352Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 353Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 354Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 355Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 356Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 357Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 358Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 359Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 418 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS41639A-page 355
PIC16(L)F1454/5/9
29.1
DC Characteristics: PIC16(L)F1454/5/9-I/E (Industrial, Extended)
PIC16LF1454/5/9
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
PIC16F1454/5/9
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param.
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
D001
VDD
Supply Voltage (VDDMIN, VDDMAX)
PIC16LF1454/5/9
1.8
2.5
—
—
3.6
3.6
V
V
FOSC
 20 MHz
FOSC
 48 MHz
D001
PIC16F1454/5/9
2.3
2.5
—
—
5.5
5.5
V
V
FOSC
 20 MHz
FOSC
 48 MHz
D002*
VDR
RAM Data Retention Voltage(1)
PIC16LF1454/5/9
1.5
—
—
V
Device in Sleep mode
D002*
PIC16F1454/5/9
1.7
—
—
V
Device in Sleep mode
D002A
VPOR*
Power-on Reset Release Voltage
PIC16LF1454/5/9
—
1.6
—
V
D002A
PIC16F1454/5/9
—
1.7
—
V
D002B
VPORR*
Power-on Reset Rearm Voltage
PIC16LF1454/5/9
—
0.8
—
V
D002B
PIC16F1454/5/9
—
1.65
—
V
D003
VADFVR
Fixed Voltage Reference Voltage for
ADC, Initial Accuracy
—
—
—
—
—
—
1
1
1
1
1
1
—
—
—
—
—
—
%
1.024V, VDD
 2.5V, 85°C (NOTE 2)
1.024V, VDD
 2.5V, 125°C (NOTE 2)
2.048V, VDD
 2.5V, 85°C
2.048V, VDD
 2.5V, 125°C
4.096V, VDD
 4.75V, 85°C
4.096V, VDD
 4.75V, 125°C
D003C* TCVFVR
Temperature Coefficient, Fixed
Voltage Reference
—
-130
—
ppm/°C
D003D*
VFVR/
VIN
Line Regulation, Fixed Voltage
Reference
—
0.270
—
%/V
D004*
SVDD
VDD Rise Rate to ensure internal
Power-on Reset signal
0.05
—
—
V/ms
See Section 6.1 “Power-On Reset
(POR)” for details.
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1:
This is the limit to which VDD can be lowered in Sleep mode without losing RAM data.
2:
For proper operation, the minimum value of the ADC positive voltage reference must be 1.8V or greater. When selecting
the FVR or the VREF+ pin as the source of the ADC positive voltage reference, be aware that the voltage must be 1.8V or
greater.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com