Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1459-ESSQTP Datasheet(PDF) 364 Page - Microchip Technology

Part # PIC16F1459-ESSQTP
Description  14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1459-ESSQTP Datasheet(HTML) 364 Page - Microchip Technology

Back Button PIC16F1459-ESSQTP Datasheet HTML 360Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 361Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 362Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 363Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 364Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 365Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 366Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 367Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 368Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 418 page
background image
PIC16(L)F1454/5/9
DS41639A-page 364
Preliminary
 2012 Microchip Technology Inc.
29.6
USB Module Specifications
Operating Conditions-40°C
 TA  +85°C (unless otherwise state)
Param
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
D313
VUSB
USB Voltage
3.0
—
3.6
V
Voltage on VUSB3V3 pin must be
in this range for proper USB
operation
D314
IIL
Input Leakage on pin
—
—
± 1
AVSS VPIN VDD pin athigh
impedance
D315
VILUSB Input Low Voltage for USB
Buffer
——
0.8
V
For VUSB3V3 range
D316
VIHUSB Input High Voltage for USB
Buffer
2.0
—
—
V
For VUSB3V3 range
D318
VDIFS
Differential Input Sensitivity
—
—
0.2
V
The difference between D+ and
D- must exceed this value while
VCM is met
D319
VCM
Differential Common Mode
Range
0.8
—
2.5
V
D320
ZOUT
Driver Output Impedance(1)
28
—
44
D321
VOL
Voltage Output Low
0.0
—
0.3
V
1.5 k
load connected to 3.6V
D322
VOH
Voltage Output High
2.8
—
3.6
V
1.5 k
load connected to ground
Note 1:
The D+ and D- signal lines have been built-in impedance matching resistors. No external resistors,
capacitors or magnetic components are necessary on the D+/D- signal paths between the
PIC16(L)F1454/5/9 family device and USB cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com