Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1459-ESSQTP Datasheet(PDF) 106 Page - Microchip Technology

Part # PIC16F1459-ESSQTP
Description  14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1459-ESSQTP Datasheet(HTML) 106 Page - Microchip Technology

Back Button PIC16F1459-ESSQTP Datasheet HTML 102Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 103Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 104Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 105Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 106Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 107Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 108Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 109Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 418 page
background image
PIC16(L)F1454/5/9
DS41639A-page 106
Preliminary
 2012 Microchip Technology Inc.
9.3
Register Definitions: Voltage Regulator Control
TABLE 9-1:
SUMMARY OF REGISTERS ASSOCIATED WITH POWER-DOWN MODE
REGISTER 9-1:
VREGCON: VOLTAGE REGULATOR CONTROL REGISTER(1)
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0/0
R/W-1/1
—
—
—
—
—
—VREGPM
Reserved
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-2
Unimplemented: Read as ‘0’
bit 1
VREGPM: Voltage Regulator Power Mode Selection bit
1 = Low-Power Sleep mode enabled in Sleep(2)
Draws lowest current in Sleep, slower wake-up
0 = Normal-Power mode enabled in Sleep(2)
Draws higher current in Sleep, faster wake-up
bit 0
Reserved: Read as ‘1’. Maintain this bit set.
Note 1:
PIC16LF1454/5/9 only.
2:
See Section 29.0 “Electrical Specifications”.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register on
Page
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
96
IOCAF
—
—
IOCAF5
IOCAF4
IOCAF3
—
IOCAF1
IOCAF0
146
IOCAN
—
—
IOCAN5
IOCAN4
IOCAN3
—
IOCAN1
IOCAN0
145
IOCAP
—
—
IOCAP5
IOCAP4
IOCAP3
—
IOCAP1
IOCAP0
145
IOCBF(2)
IOCBF7
IOCBF6
IOCBF5
IOCBF4
—
—
—
—
147
IOCBN(2)
IOCBN7
IOCBN6
IOCBN5
IOCBN4
—
—
—
—
147
IOCBP(2)
IOCBP7
IOCBP6
IOCBP5
IOCBP4
—
—
—
—
146
PIE1
TMR1GIE
ADIE(1)
RCIE
TXIE
SSP1IE
—
TMR2IE
TMR1IE
97
PIE2
OSFIE
C2IE
C1IE
—
BCL1IE
USBIE
ACTIE
—
98
PIR1
TMR1GIF
ADIF(1)
RCIF
TXIF
SSP1IF
—
TMR2IF
TMR1IF
99
PIR2
OSFIF
C2IF
C1IF
—
BCL1IF
USBIF
ACTIF
—
100
STATUS
—
—
—TO
PD
Z
DC
C
27
WDTCON
—
—
WDTPS<4:0>
SWDTEN
110
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used in Power-Down mode.
Note 1:
PIC16(L)F1455/9 only.
2:
PIC16(L)F1459 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com