Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1459-ESSQTP Datasheet(PDF) 130 Page - Microchip Technology

Part # PIC16F1459-ESSQTP
Description  14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1459-ESSQTP Datasheet(HTML) 130 Page - Microchip Technology

Back Button PIC16F1459-ESSQTP Datasheet HTML 126Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 127Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 128Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 129Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 130Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 131Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 132Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 133Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 134Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 418 page
background image
PIC16(L)F1454/5/9
DS41639A-page 130
Preliminary
 2012 Microchip Technology Inc.
12.1
Alternate Pin Function
The Alternate Pin Function Control register is used to
steer specific peripheral input and output functions
between different pins. The APFCON register is shown
in Register 12-1. For this device family, the following
functions can be moved between different pins.
•CLKR
•SDO
•SS
•T1G
•P2
These bits have no effect on the values of any TRIS
register. PORT and TRIS overrides will be routed to the
correct pin. The unselected pin will be unaffected.
12.2
Register Definitions: Alternate Pin Function Control
REGISTER 12-1:
APFCON: ALTERNATE PIN FUNCTION CONTROL REGISTER
R/W-0/0
R/W-0/0
R/W-0/0
U-0
R/W-0/0
R/W-0/0
U-0
U-0
CLKRSEL
SDOSEL(1)
SSSEL
—
T1GSEL
P2SEL(1)
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
CLKRSEL: Pin Selection bit
1 = CLKR function is on RC3
0 = CLKR function is on RA4
bit 6
SDOSEL: Pin Selection bit(1)
1 = SDO function is on RA4
0 = SDO function is on RC2
bit 5
SSSEL: Pin Selection bit
For 14-Pin Devices (PIC16(L)F1454/5):
1 =SS function is on RA3
0 =SS function is on RC3
For 20-Pin Devices (PIC16(L)F1455/9):
1 =SS function is on RA3
0 =SS function is on RC6
bit 4
Unimplemented: Read as ‘0’
bit 3
T1GSEL: Pin Selection bit
1 = T1G function is on RA3
0 = T1G function is on RA4
bit 2
P2SEL: Pin Selection bit(1)
1 = T1G function is on RA5
0 = T1G function is on RC3
bit 1-0
Unimplemented: Read as ‘0’
Note 1:
PIC16(L)F1454/5 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com