Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1459-ESSQTP Datasheet(PDF) 167 Page - Microchip Technology

Part # PIC16F1459-ESSQTP
Description  14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1459-ESSQTP Datasheet(HTML) 167 Page - Microchip Technology

Back Button PIC16F1459-ESSQTP Datasheet HTML 163Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 164Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 165Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 166Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 167Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 168Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 169Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 170Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 418 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS41639A-page 167
PIC16(L)F1454/5/9
TABLE 16-2:
SUMMARY OF REGISTERS ASSOCIATED WITH ADC(3)
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ADCON0
—
CHS<4:0>
GO/DONE
ADON
160
ADCON1
ADFM
ADCS<2:0>
—
—
ADPREF<1:0>
161
ADCON2
—
TRIGSEL<2:0>
—
—
—
—
162
ADRESH
163, 164
ADRESL
A/D Result Register Low
163, 164
ANSELA(3)
—
—
—ANSA4
—
—
—
—
133
ANSELB(2)
—
—
ANSB5
ANSB4
—
—
—
—
137
ANSELC(3)
ANSC7(1)
ANSC6(1)
—
—
ANSC3
ANSC2
ANSC1
ANSC0
141
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
96
PIE1
TMR1GIE
ADIE(3)
RCIE
TXIE
SSP1IE
—
TMR2IE
TMR1IE
97
PIR1
TMR1GIF
ADIF(3)
RCIF
TXIF
SSP1IF
—
TMR2IF
TMR1IF
99
TRISA
—
—
TRISA5
TRISA4
—(1)
—
—(1)
—(1)
132
TRISB(2)
TRISB7
TRISB6
TRISB5
TRISB4
—
—
—
—
136
TRISC
TRISC7(2)
TRISC6(2)
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
140
FVRCON
FVREN
FVRRDY
TSEN
TSRNG
CDAFVR<1:0>
ADFVR<1:0>
150
Legend:
x = unknown, u = unchanged, — = unimplemented read as ‘0’, q = value depends on condition. Shaded cells are not
used for ADC module.
Note 1:
Unimplemented, read as ‘1’.
2:
PIC16(L)F1459 only.
3:
PIC16(L)F1455/9 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com