Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ06GS202 Datasheet(PDF) 8 Page - Microchip Technology

Part # DSPIC33FJ06GS202
Description  dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS202 Datasheet(HTML) 8 Page - Microchip Technology

Back Button DSPIC33FJ06GS202 Datasheet HTML 4Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 5Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 6Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 7Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 8Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 9Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 10Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 11Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS80439M-page 8
 2009-2013 Microchip Technology Inc.
15. Module: UART
When the UART is configured for IR interface
operations (UxMODE<9:8> = 11), the 16x baud
clock signal on the BCLK pin is present only when
the module is transmitting. The pin is idle at all
other times.
Work around
Configure one of the output compare modules to
generate the required baud clock signal when the
UART is receiving data or in an Idle state.
Affected Silicon Revisions
16. Module: I2C™
If there are two I2C devices on the bus, one of
them is acting as the Master receiver and the other
as the Slave transmitter. If both devices are
configured for 10-bit addressing mode, and have
the same value in the A10 and A9 bits of their
addresses, then when the Slave select address is
sent from the Master, both the Master and Slave
acknowledge it. When the Master sends out the
read operation, both the Master and the Slave
enter into Read mode and both of them transmit
the data. The resultant data will be the ANDing of
the two transmissions.
Work around
In all I2C devices, the addresses as well as bits
A10 and A9 should be different.
Affected Silicon Revisions
17. Module: PWM
When the primary or secondary PWMx generator
is selected as a trigger source for ADC convert
pairs 3, 4, 5 or 6 and the PWM module is running
at the maximum speed, the PWM module may fail
to trigger a conversion on these ADC pairs.
Work arounds
Work around 1:
Configure the PWM module to trigger the ADC
module per the following steps (see Example 1 for
the code used in this work around):
1. Enable the dual trigger mode bit (DTM) in the
TRGCONx register.
2. Configure the TRIGx register to the desired
trigger point.
3. Configure the STRIGx register to TRIGx + 0x8.
4. Select the PWMx primary trigger as the ADC
trigger source for conversion.
If the PWM channel is configured for independent
output mode and both channels are operating on
the same time base, the phase difference between
the two channels must be considered when setting
the STRIGx register. This work around will not
work for True Independent Time Base mode.
With this work around, the PWMx secondary
trigger should not be selected as the trigger source
for the ADC convert pair.
Work around 2:
Configure the PWM Input Clock Prescaler bits
(PCLKDIV) for divide by 2 or higher.
Work around 3:
Utilize other available trigger sources, such as
software or timer triggers, to initiate conversion on
the affected ADC convert pairs.
Affected Silicon Revisions
EXAMPLE 1:
USING DUAL TRIGGER MODE
A2
A3
A4
XX
X
A2
A3
A4
XX
X
A2
A3
A4
X
TRGCON1bits.DTM = 1;
/* Dual trigger mode (DTM) and STRIG used in combination to generate */
/* ADCPx triggers */
TRIG1 = 1224;
/* Configure desired trigger */
STRIG1 = 1232;
/* STRIG1 should be configured for TRIG1 + 8 */
ADCPC2bits.TRGSRC5 = 0x4; /* PWM1 primary trigger selected as ADC trigger source for ADCP5*/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com