Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ06GS202 Datasheet(PDF) 11 Page - Microchip Technology

Part # DSPIC33FJ06GS202
Description  dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS202 Datasheet(HTML) 11 Page - Microchip Technology

Back Button DSPIC33FJ06GS202 Datasheet HTML 7Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 8Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 9Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 10Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 11Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 12Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 13Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 14Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
 2009-2013 Microchip Technology Inc.
DS80439M-page 11
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
29. Module: Analog Comparator
The Internal Band Gap Reference Voltage
(INTREF) for the analog comparator provides the
reference to the analog comparator if the EXTREF
bit (CMPCONx<5>) = 0 and the RANGE bit
(CMPCONx<0>) = 0.The data sheet states that
the INTREF voltage should be 1.2V nominal and
within ±1%.
However, the internal band gap reference voltage
does not meet the specification stated above. For
the actual range of the INTREF voltage, refer to
the IVREF specification in the “Electrical
Characteristics” chapter of the device data
sheet.
Work arounds
To avoid this issue, implement one of the following
two work arounds, depending on the application
requirements.
Work around 1:
Use an external voltage reference for the Analog
Comparator
by
setting
the
EXTREF
bit
(CMPCONx<5>) = 1 and providing an external
reference to the EXTREF pin.
Work around 2:
Use the high-range setting for the internal
reference
by
setting
the
EXTREF
bit
(CMPCONx<5>) = 0 and the RANGE bit
(CMPCONx<0>) = 1. This setting uses AVDD/2 as
the comparator reference voltage.
Affected Silicon Revisions
30. Module: Auxiliary PLL
For extended temperature devices (designated
with the -E suffix in the device part number) with
the date code of 09XX, the auxiliary PLL input
frequency
does
not
meet
the
published
specification range at operating temperatures
above 85ºC.
Work around
Use the internal FRC oscillator as the input to the
auxiliary PLL, or use the external oscillator with a
frequency of 7.37 MHz.
Affected Silicon Revisions
A2
A3
A4
XX
X
A2
A3
A4
XX
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com