Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DEMO9S08MP16 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # DEMO9S08MP16
Description  DEMO9S08MP16 User Manual
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DEMO9S08MP16 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button DEMO9S08MP16 Datasheet HTML 29Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 30Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 31Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 32Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 33Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 34Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 35Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 36Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 37Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
30
DEMO9S08MP16 User Manual
P&E.
P&E’s Cyclone PRO is also available bundled with additional software as part
of various Development Packages. In addition to the Cyclone PRO, these
Development Packages include in-circuit debugging software, flash
programming software, a Windows IDE, and register file editor.
10
TROUBLESHOOTING
10.1
DEMO9S08MP16 Is Undetected
Q: The connection assistant indicates that my DEMO9S08MP16 is
undetected even though I have connected the hardware to my USB port.
What should I do?
A: The connection assistant, which displays in either Codewarrior or P&E’s
development software, is a dialog which allows the user to connect to the
DEMO9S08MP16 hardware. If this dialog indicates that the DEMO9S08MP16
hardware is not connected to the PC, the first step is to make sure that the
DEMO9S08MP16 hardware is connected to the PC via a USB 2.0 high-speed
cable. If it is connected, unplug and then plug in the USB cable on the
DEMO9S08MP16 board and click refresh in the connection assistant. If the
hardware still does not show up, try the following remedies:
(A) Re-Enable the USB driver
If you connected the DEMO9S08MP16 interface prior to the installation of
P&E’s Embedded Multilink drivers, Windows will not have been able to find
the appropriate driver and may have disabled the device. The
DEMO9S08MP16 board shows up in Window’s device manager as a “P&E
Multilink,” since it contains P&E’s Embedded Multilink circuitry. If you unplug
and then plug in the device, Windows will automatically disable it even if you
have installed the drivers. To force windows to try to load the driver again,
perform the following steps while the DEMO9S08MP16 interface is connected
to the computer:
1.
Open the Control Panel (Start Button->Settings->Control Panel)
2.
Double Click the "System" Icon
3.
Select the "Hardware" tab
4.
Click the "Device Manager" Button



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com